Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4260CSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4260CSW
Description  Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4260CSW Datasheet(HTML) 5 Page - Linear Technology

  LTC4260CSW Datasheet HTML 1Page - Linear Technology LTC4260CSW Datasheet HTML 2Page - Linear Technology LTC4260CSW Datasheet HTML 3Page - Linear Technology LTC4260CSW Datasheet HTML 4Page - Linear Technology LTC4260CSW Datasheet HTML 5Page - Linear Technology LTC4260CSW Datasheet HTML 6Page - Linear Technology LTC4260CSW Datasheet HTML 7Page - Linear Technology LTC4260CSW Datasheet HTML 8Page - Linear Technology LTC4260CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC4260
5
4260f
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
IDD vs VDD
VDD (V)
0
2.0
85°C
25°C
2.5
80
4260 G01
1.5
1.0
20
40
60
100
3.0
–40°C
TEMPERATURE (°C)
–50
3.46
3.48
3.50
3.52
3.54
–25
0
25
50
4260 G02
75
100
TEMPERATURE (°C)
–50
0.34
0.35
0.36
0.37
0.38
0.39
–25
025
50
4260 G03
75
100
UV Low-High Threshold
vs Temperature
UV Hysteresis vs Temperature
ON, BD_PRST Low-High
Threshold vs Temperature
TEMPERATURE (°C)
–50
1.220
1.225
1.230
1.235
1.240
1.245
–25
025
50
4260 G04
75
100
ON, BD_PRST Hysteresis
vs Temperature
TEMPERATURE (°C)
–50
0.10
0.11
0.12
0.13
0.14
0.16
–25
025
50
4260 G05
75
100
0.15
TA = 25°C, VDD = 48V unless otherwise noted.
Note 3: Limits on maximum rating is defined as whichever limit occurs
first. An internal clamp limits the GATE pin to a minimum of 10V above
source. Driving this pin to voltages beyond the clamp may damage the
device.
Note 4: Guaranteed by design and not subject to test.
Note 5: Integral nonlinearity is defined as the deviation of a code from a
precise analog input voltage. Maximum specifications are limited by the
LSB step size and the single shot measurement. Typical specificatons are
measured from the 1/4, 1/2 and 3/4 areas of the quantization band.
Note 6: 1LSB step size specification is guaranteed by full-scale voltage
measurement and by design.
Note 7: Full-scale current sense specification corresponds to code 200.
Codes above 200 may be discarded by offset cancellation.
INT VCC vs ILOAD
ILOAD (mA)
0
0
1
2
3
4
–4
–8
4260 G18
5
6
–2
–6
–10
VDD = 48V
VDD = 12V
CAUTION: DRAWING CURRENT
FROM INTVCC INCREASES POWER
DISSIPATION AND TJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com