Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4260CSW Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4260CSW
Description  Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4260CSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4260CSW Datasheet HTML 6Page - Linear Technology LTC4260CSW Datasheet HTML 7Page - Linear Technology LTC4260CSW Datasheet HTML 8Page - Linear Technology LTC4260CSW Datasheet HTML 9Page - Linear Technology LTC4260CSW Datasheet HTML 10Page - Linear Technology LTC4260CSW Datasheet HTML 11Page - Linear Technology LTC4260CSW Datasheet HTML 12Page - Linear Technology LTC4260CSW Datasheet HTML 13Page - Linear Technology LTC4260CSW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC4260
10
4260f
OPERATIO
The Functional Diagram displays the main functional areas
of this device. The LTC4260 is designed to turn a board’s
supply voltage on and off in a controlled manner, allowing
the board to be safely inserted or removed from a live
backplane. During normal operation, the charge pump and
gate driver turn on the external N-channel pass FET’s gate
to pass power to the load. The gate driver uses a charge
pump that derives its power from the SOURCE pin. When
the SOURCE pin is at ground, the charge pump is powered
from an internal 12V supply derived from VDD. This results
in a 200µA current load on the SOURCE pin when the gate
is up. Also included in the gate driver is an internal 15V
gate-to-source clamp.
The current sense (CS) amplifier monitors the load current
using the difference between the VDD and SENSE pin
voltage. The CS amplifier limits the current in the load by
reducing the GATE-to-SOURCE voltage in an active con-
trol loop. The CS amplifier requires 100µA input bias
current from both the VDD and the SENSE pins.
A short circuit on the output to ground causes significant
power dissipation during active current limiting. To limit
this power, the foldback amplifier reduces the current limit
value from 50mV to 20mV (referred to the VDD minus
SENSE voltage) in a linear manner as the FB pin drops
below 2V (see Typical Performance curves).
If an overcurrent condition persists, the TIMER pin ramps
up with a 100µA current source until the pin voltage
exceeds 1.2V (comparator TM2). This indicates to the
logic that it is time to turn off the pass FET to prevent
overheating. At this point the TIMER pin ramps down
using the 2µA current source until the voltage drops below
0.2V (comparator TM1) which tells the logic that the pass
transistor has cooled and it is safe to turn it on again.
The output voltage is monitored using the FB pin and the
PG comparator to determine if the power is available for
the load. The power good condition is signalled by the
GPIO pin using an open-drain pull-down transistor. The
GPIO pin can also be used as a general purpose input (GP
comparator) or output pin.
The Functional Diagram shows the monitoring blocks of
the LTC4260. The group of comparators on the left side
includes the UV, OV, RST, BP and ON comparators. These
comparators are used to determine if the external condi-
tions are valid prior to turning on the FET. But first the two
undervoltage lockout circuits UVLO1 and UVLO2 must
validate the input supply and the internally generated 5.5V
supply (INTVCC) and generate the power up initialization to
the logic circuits.
Included in the LTC4260 is an 8-bit A/D converter. The
converter has a 3-input mux to select between the ADIN
pin, the SOURCE pin and the VDD – SENSE voltage.
An I2C interface is provided to read the A/D registers. It
also allows the host to poll the device and determine if
faults have occurred. If the ALERT line is used as an
interrupt, the host can respond to a fault in real time. The
typical SDA line is divided into an SDAI (input) and SDAO
(output). This simplifies applications using an optoisolator
driven directly from the SDAO output. The I2C device
address is decoded using the ADR0, ADR1 and ADR2 pins.
These inputs have three states each that decode into a total
of 27 device addresses.
TI I G DIAGRA
tSU, DAT
tSU,STO
tSU,STA
tBUF
tHD,STA
tSP
tSP
tHD,DATO,
tHD,DATI
tHD,STA
START
CONDITION
STOP
CONDITION
REPEATED START
CONDITION
START
CONDITION
4260 TD01
SDAI/SDAO
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com