Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4260CSW Datasheet(PDF) 23 Page - Linear Technology

Part # LTC4260CSW
Description  Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4260CSW Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC4260CSW Datasheet HTML 19Page - Linear Technology LTC4260CSW Datasheet HTML 20Page - Linear Technology LTC4260CSW Datasheet HTML 21Page - Linear Technology LTC4260CSW Datasheet HTML 22Page - Linear Technology LTC4260CSW Datasheet HTML 23Page - Linear Technology LTC4260CSW Datasheet HTML 24Page - Linear Technology LTC4260CSW Datasheet HTML 25Page - Linear Technology LTC4260CSW Datasheet HTML 26Page - Linear Technology LTC4260CSW Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTC4260
23
4260f
APPLICATIO S I FOR ATIO
Table 6. FAULT Register D (03h)—Read/Write
BIT
NAME
OPERATION
D7:6
Reserved
D5
FET Short Fault Occurred
Indicates Potential FET Short was Detected When Measured Current Sense Voltage Exceeded 2mV
While FET was Off
1 = FET was Shorted, 0 = FET is Good
D4
Board Present Changes State
Indicates that a Board was Inserted or Extracted When BD_PRST Changed State
1 = BD_PRST Changed State, 0 = BD_PRST Unchanged
D3
Power Bad Fault Occurred
Indicates Power was Bad When FB Went Low
1 = FB was Low, 0 = FB was High
D2
Overcurrent Fault Occurred
Indicates Overcurrent Fault Occurred
1 = Overcurrent Fault Occurred, 0 = No Overcurrent Faults
D1
Undervoltage Fault Occurred
Indicates Input Undervoltage Fault Occurred When UV Went Low
1 = UV was Low, 0 = UV was High
D0
Overvoltage Fault Occurred
Indicates Input Overvoltage Fault Occurred When OV Went High
1 = OV was High, 0 = OV was Low
Table 7. SENSE Register E (04h)—Read/Write
BIT
NAME
OPERATION
E7:0
SENSE Voltage Data
VDD-SENSE Current Sense Voltage Data. 8-Bit Data with 300µV LSB and 76.8mV Full Scale
Table 8. SOURCE Register F (05h)—Read/Write
BIT
NAME
OPERATION
F7:0
SOURCE Voltage Data
SOURCE Pin Voltage Data. 8-Bit Data with 400mV LSB and 102.4V Full Scale
Table 9. ADIN Register G (06h)—Read/Write
BIT
NAME
OPERATION
G7:0
ADIN Voltage Data
ADIN Pin Voltage Data. 8-Bit Data with 10mV LSB and 2.56V Full Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com