Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4260CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4260CSW
Description  Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4260CSW Datasheet(HTML) 1 Page - Linear Technology

  LTC4260CSW Datasheet HTML 1Page - Linear Technology LTC4260CSW Datasheet HTML 2Page - Linear Technology LTC4260CSW Datasheet HTML 3Page - Linear Technology LTC4260CSW Datasheet HTML 4Page - Linear Technology LTC4260CSW Datasheet HTML 5Page - Linear Technology LTC4260CSW Datasheet HTML 6Page - Linear Technology LTC4260CSW Datasheet HTML 7Page - Linear Technology LTC4260CSW Datasheet HTML 8Page - Linear Technology LTC4260CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC4260
1
4260f
, LTC and LT are registered trademarks of Linear Technology Corporation.
■ Allows Safe Insertion into Live Backplane
■ 8-Bit ADC Monitors Current and Voltage
■ I2C
TM/SMBus Interface
■ Wide Operating Voltage Range: 8.5V to 80V
■ High Side Drive for External N-Channel MOSFET
■ Input Overvoltage/Undervoltage Protection
■ Optional Latchoff or Autoretry After Faults
■ Alerts Host After Faults
■ Foldback Current Limiting
■ Available in 24-Lead SO, 24-Lead Narrow
SSOP and 32-Lead (5mm × 5mm) QFN Packages
Positive High Voltage
Hot Swap Controller with
I2C Compatible Monitoring
■ Electronic Circuit Breakers
■
Live Board Insertion
■ Computers, Servers
Hot Swap is a trademark of Linear Technology Corporation.
I2C is a trademark of Philips Electronics N.V.
The LTC
®4260 Hot SwapTM controller allows a board to be
safely inserted and removed from a live backplane. Using
an external N-channel pass transistor, the board supply
voltage can be ramped up at an adjustable rate. An I2C
interface and onboard ADC allow monitoring of board
current, voltage and fault status.
The device features adjustable analog foldback current
limit with latch off or automatic restart after the LTC4260
remains in current limit beyond an adjustable time-out
delay.
The controller has additional features to interrupt the host
when a fault has occurred, notify when output power is
good, detect insertion of a load card and power-up in either
the on or off state.
UV
BACKPLANE PLUG-IN
CARD
2.67k
*
1.74k
49.9k
48V
SDA
SCL
ALERT
GND
VDD
SENSE
LTC4260
INTVCC
100k
FDB3632
0.010Ω
10Ω
6.8nF
CL
43.5k
3.57k
VOUT
48V
24k
68nF
*DIODES INC. SMBT70A
0.1µF
0.1µF
GATE
TIMER
GND
FB
BD_PRST
ADIN
GPIO
4260 TA01
SOURCE
OV
SDAO
SDAI
SCL
ALERT
ON
+
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
VIN
50V/DIV
VOUT
50V/DIV
GPIO
5V/DIV
25ms/DIV
4260 TA02
IIN
2A/DIV
CL = 1000µF
Power Up Waveforms
3A, 48V Card Resident Application


Similar Part No. - LTC4260CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4260 LINER-LTC4260 Datasheet
374Kb / 16P
UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC4260 LINER-LTC4260 Datasheet
291Kb / 24P
High Voltage Surge
LTC4260 LINER-LTC4260 Datasheet
1Mb / 32P
Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
logo
Linear Integrated Syste...
LTC4260 LINEAR-LTC4260 Datasheet
241Kb / 26P
Surge Stopper
logo
Linear Technology
LTC4260 LINER-LTC4260 Datasheet
296Kb / 24P
High Voltage Surge Stopper
More results

Similar Description - LTC4260CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1 Datasheet
311Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280 Datasheet
292Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215_15 Datasheet
271Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4260 LINER-LTC4260_15 Datasheet
300Kb / 30P
Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-2 LINER-LTC4215CUFD-2 Datasheet
271Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com