Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4260CSW Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4260CSW
Description  Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4260CSW Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4260CSW Datasheet HTML 18Page - Linear Technology LTC4260CSW Datasheet HTML 19Page - Linear Technology LTC4260CSW Datasheet HTML 20Page - Linear Technology LTC4260CSW Datasheet HTML 21Page - Linear Technology LTC4260CSW Datasheet HTML 22Page - Linear Technology LTC4260CSW Datasheet HTML 23Page - Linear Technology LTC4260CSW Datasheet HTML 24Page - Linear Technology LTC4260CSW Datasheet HTML 25Page - Linear Technology LTC4260CSW Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC4260
22
4260f
APPLICATIO S I FOR ATIO
Table 4. ALERT Register B (01h)—Read/Write
BIT
NAME
OPERATION
B7
Reserved
Not Used
B6
GPIO Output
Output Data Bit to GPIO Pin When Configured as Output. Defaults to 0
B5
FET Short Alert
Enables Alert for FET Short Condition
1 = Enable Alert, 0 = Disable Alert (Default)
B4
BD_PRST State Change Alert
Enables Alert When BD_PRST Changes State
1 = Enable Alert, 0 = Disable Alert (Default)
B3
Power Bad Alert
Enables Alert when Output Power is Bad
1 = Enable Alert, 0 = Disable Alert (Default)
B2
Overcurrent Alert
Enables Alert for Overcurrent Condition
1 = Enable Alert, 0 = Disable Alert (Default)
B1
Undervoltage Alert
Enables Alert for Undervoltage Condition
1 = Enable Alert, 0 = Disable Alert (Default)
B0
Overvoltage Alert
Enables Alert for Overvoltage Condition
1 = Enable Alert, 0 = Disable Alert (Default)
Table 5. STATUS Register C (02h)—Read Only
BIT
NAME
OPERATION
C7
FET On
Indicates State of FET
1 = FET On, 0 = FET Off
C6
GPIO Input
State of the GPIO Pin
1 = GPIO High, 0 = GPIO Low
C5
FET Short Present
Indicates Potential FET Short if Current Sense Voltage Exceeds 2mV While FET is Off
1 = FET is Shorted, 0 = FET is Not Shorted
C4
Board Present
Indicates if a Board is Present When BD_PRST is Low
1 = BD_PRST Pin Low, 0 = BD_PRST Pin High
C3
Power Bad
Indicates Power is Bad When FB is Low
1 = FB Low, 0 = FB High
C2
Overcurrent
Indicates Overcurrent Condition During Cool Down Cycle
1 = Overcurrent, 0 = Not Overcurrent
C1
Undervoltage
Indicates Input Undervoltage When UV is Low
1 = UV Low, 0 = UV High
C0
Overvoltage
Indicates Input Overvoltage When OV is High
1 = OV High, 0 = OV Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com