Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8708 Datasheet(PDF) 5 Page - Analog Devices

Part # ADD8708
Description  18-Channel Gamma Buffer with Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8708 Datasheet(HTML) 5 Page - Analog Devices

  ADD8708 Datasheet HTML 1Page - Analog Devices ADD8708 Datasheet HTML 2Page - Analog Devices ADD8708 Datasheet HTML 3Page - Analog Devices ADD8708 Datasheet HTML 4Page - Analog Devices ADD8708 Datasheet HTML 5Page - Analog Devices ADD8708 Datasheet HTML 6Page - Analog Devices ADD8708 Datasheet HTML 7Page - Analog Devices ADD8708 Datasheet HTML 8Page - Analog Devices ADD8708 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADD8708
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
VOUT10
VOUT9
VOUT8
VOUT7
VDD
GND
VOUT6
VOUT5
VOUT4
VOUT3
VOUT2
VOUT1
1
2
3
4
5
6
7
8
9
10
11
12
REGFB
GND
VDD
VREG OUT
VIN18
VIN17
VIN16
VIN15
VIN14
VIN13
VIN12
VIN11
ADD8708
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Name
Description
1
REGFB
Regulator Feedback. Compares a percentage of the regulator output to the internal 1.2 V voltage
reference. Internal resistors are used to program the desired regulator output voltage.
2
GND
Ground. Normally 0 V.
3
VDD
Supply Voltage. Normally 16 V.
4
VREG OUT
Regulator output voltage. Provides reference voltage to resistor string and is internally connected to
the top of the resistor string.
5
VIN18
6
VIN17
7
VIN16
8
VIN15
9
VIN14
10
VIN13
11
VIN12
12
VIN11
13
VIN10
14
VIN9
15
VIN8
16
VIN7
17
VIN6
18
VIN5
19
VIN4
20
VIN3
21
VIN2
22
VIN1
Buffer inputs. Normally floating.1
23
GND
Ground. Normally 0 V.
24
VDD
Supply Voltage. Normally 16 V.
1 External resistors can be added to modify the internal resistor string to change the gamma voltage. An external resistor calculator is available upon request from your
local sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com