Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8708 Datasheet(PDF) 7 Page - Analog Devices

Part # ADD8708
Description  18-Channel Gamma Buffer with Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8708 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADD8708 Datasheet HTML 3Page - Analog Devices ADD8708 Datasheet HTML 4Page - Analog Devices ADD8708 Datasheet HTML 5Page - Analog Devices ADD8708 Datasheet HTML 6Page - Analog Devices ADD8708 Datasheet HTML 7Page - Analog Devices ADD8708 Datasheet HTML 8Page - Analog Devices ADD8708 Datasheet HTML 9Page - Analog Devices ADD8708 Datasheet HTML 10Page - Analog Devices ADD8708 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADD8708
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
20
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
–20 –10
0
1020304050
60708090 100 110 120
TEMPERATURE (
°C)
ISINK = 15mA
ISINK = 5mA
ILOAD = 0mA
ISINK = 25mA
ISOURCE = 5mA
ISOURCE = 15mA
ISOURCE = 25mA
Figure 3. Output Voltage Error vs. Temperature
30
25
20
15
10
5
0
0.1
1
10
100
LOAD CURRENT (mA)
CH17 SINK
CH17 SOURCE
CH18 SOURCE
CH18 SINK
Figure 4. Output Voltage Error vs. Load Current (Channels 17 and 18)
30
25
20
15
10
5
0
0.1
1
10
100
LOAD CURRENT (mA)
CH16 SINK
CH10 SOURCE
CH16 SOURCE
CH10 SINK
Figure 5. Output Voltage Error vs. Load Current (Channels 10 and 16)
25
20
15
10
5
0
0.1
1
10
100
LOAD CURRENT (mA)
CH3 SINK
CH9 SOURCE
CH3 SOURCE
CH9 SINK
Figure 6. Output Voltage Error vs. Load Current (Channels 3 and 9)
25
20
15
10
5
0
0.1
1
10
100
LOAD CURRENT (mA)
CH1 SINK
CH1 SOURCE
CH2 SOURCE
CH2 SINK
Figure 7. Output Voltage Error vs. Load Current (Channels 1 and 2)
11
10
9
8
7
6
5
4
3
2
1
0
–200
1800
1600
1400
1200
1000
800
600
400
200
0
TIME (ns)
10V PULSE
120pF
10nF
1nF
520pF
320pF
Figure 8. Gamma Buffers Transient Load Response vs. Capacitive Loading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com