Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8708 Datasheet(PDF) 13 Page - Analog Devices

Part # ADD8708
Description  18-Channel Gamma Buffer with Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8708 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADD8708 Datasheet HTML 8Page - Analog Devices ADD8708 Datasheet HTML 9Page - Analog Devices ADD8708 Datasheet HTML 10Page - Analog Devices ADD8708 Datasheet HTML 11Page - Analog Devices ADD8708 Datasheet HTML 12Page - Analog Devices ADD8708 Datasheet HTML 13Page - Analog Devices ADD8708 Datasheet HTML 14Page - Analog Devices ADD8708 Datasheet HTML 15Page - Analog Devices ADD8708 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADD8708
Rev. 0 | Page 13 of 16
1.60mm
1.90mm
5.93mm
5.78mm
7.31mm
5.40mm
0.69mm
0.075mm
0.28mm
0.075mm
0.5mm
0.33mm DIAMETER
THERMAL VIA
HEAT SINK
SOLDER PASTE AREA
1.60mm
Figure 24. 48-Pin LFCSP (CP-48) Land Pattern—Dimensions Shown in Millimeters
Notes:
1.
Areas in black represent the board metallization.
2.
Areas in white represent the solder mask and vias.
3.
Hatched area is for the heat sink solder paste.
4.
The thermal pad is electrically active. The solder mask opening should be 0.150 mm larger than the pad size, resulting in 0.075 mm
of clearance between the copper pad and solder mask.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com