Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8708 Datasheet(PDF) 12 Page - Analog Devices

Part # ADD8708
Description  18-Channel Gamma Buffer with Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8708 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADD8708 Datasheet HTML 8Page - Analog Devices ADD8708 Datasheet HTML 9Page - Analog Devices ADD8708 Datasheet HTML 10Page - Analog Devices ADD8708 Datasheet HTML 11Page - Analog Devices ADD8708 Datasheet HTML 12Page - Analog Devices ADD8708 Datasheet HTML 13Page - Analog Devices ADD8708 Datasheet HTML 14Page - Analog Devices ADD8708 Datasheet HTML 15Page - Analog Devices ADD8708 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADD8708
Rev. 0 | Page 12 of 16
OPERATING TEMPERATURE RANGE
The junction temperature is as follows:
TJ = TAMB + θJA × PDIS
where:
TAMB = ambient temperature.
θJA = junction-to-ambient thermal resistance, in °C/watt.
PDIS = power dissipated in the device, in watts.
For the ADD8708, PDIS can be calculated by this equation:
PDIS = VDD × IDQ + Σ(IOUT X(+) × (VDD − VOUT X)) +
Σ(−IOUT X(−) × VOUT X) + (VDD – VREG OUT ) × ILOAD
where:
VDD × IDQ = nominal system power requirements.
IOUT X(+) × (VDD − VOUT X)= positive-current amplifier load
power dissipation (current comes from VDD).
−IOUT X(−) × VOUT X = negative-current amplifier load power
dissipation (current goes to GND).
(VDD – VREG OUT) × ILOAD = regulator load power dissipation.
In this example, TAMB = 95°C. To calculate PDIS, assume the
values in Table 6.
Table 6.
VOUT X (V)
IOUT X (mA)
P (W)
VOUT18
14.400
4.3
0.00688
VOUT17
11.405
5.2
0.0239
VOUT16
10.627
−4.4
0.0468
VOUT15
10.397
7.3
0.0409
VOUT14
10.195
7.6
0.0441
VOUT13
10.080
−3.9
0.0393
VOUT12
9.821
8.3
0.0513
VOUT11
9.130
7.9
0.0543
VOUT10
8.611
−4.5
0.0389
VOUT9
6.480
−4.2
0.0272
VOUT8
6.077
5.6
0.0556
VOUT7
5.098
−3.3
0.0168
VOUT6
4.810
−6.9
0.0332
VOUT5
4.694
5.7
0.0644
VOUT4
4.435
3.5
0.0405
VOUT3
4.205
9.6
0.113
VOUT2
3.398
−9.5
0.0323
VOUT1
0.202
−7.2
0.00145
Σ(IOUT X(+) × (VDD
− VOUT X)) + Σ(−IOUT X(−) × VOUT X)
0.731
VDD × IDQ = 16 V × 15 mA = 0.240 W
(VDD – VREG OUT) × ILOAD = (16 V – 14.4 V) × 5 mA = 0.008 W
PDIS = 0.240 W + 0.731 W + 0.008 W =0.979 W
Example 1
Exposed pad soldered down with via θJA = 28.3°C/W:
TJ = 95°C + (28.3°C/W) × (0.979 W) = 122.7°C
where 150°C is the maximum junction temperature that is
guaranteed before the part breaks down. The maximum process
limit is 125°C. Because TJ is < 150°C and < 125°C, this example
demonstrates a condition where the part should perform within
process limits.
Example 2
Exposed pad not soldered down θJA = 47.7°C/W:
TJ = 95°C + (47.7°C/W) × (0.979 W) = 141.7°C
In this example, TJ is < 150°C but > 125°C. Although the part
should not exhibit any damage in this situation, the process
limits have been exceeded. The part may no longer operate
as intended.
These examples show that soldering down the exposed pad is
important for proper heat dissipation. Under the same power-
up and loading conditions, the unsoldered part has a higher
temperature than the soldered part. Therefore, it is strongly
advised that the exposed pad be soldered to VDD to maintain
part integrity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com