Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8708 Datasheet(PDF) 15 Page - Analog Devices

Part # ADD8708
Description  18-Channel Gamma Buffer with Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8708 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADD8708 Datasheet HTML 8Page - Analog Devices ADD8708 Datasheet HTML 9Page - Analog Devices ADD8708 Datasheet HTML 10Page - Analog Devices ADD8708 Datasheet HTML 11Page - Analog Devices ADD8708 Datasheet HTML 12Page - Analog Devices ADD8708 Datasheet HTML 13Page - Analog Devices ADD8708 Datasheet HTML 14Page - Analog Devices ADD8708 Datasheet HTML 15Page - Analog Devices ADD8708 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADD8708
Rev. 0 | Page 15 of 16
TAP POINT AND REGULATOR VOLTAGE REQUEST FORM
REGULATOR SECTION—VREG OUT
To ensure correct regulator operation VDD must exceed VREG by 600 mV minimum—that is, a VREG = 14.4 V requires a minimum
VDD = 15.0 V.
Parameter
Value (6.9 V – 15.4 V)
VREG OUT
TAP POINT SECTION
Gamma output voltages are calculated using the following formula:
500
OUT
REG
OUT
V
TP
V
×
=
A Microsoft® Excel spreadsheet is available which automatically calculates the best tap point based on VREG OUT and the desired output
voltages for each gamma output.
Output
Tap Point
VOUT18
VOUT17
VOUT16
VOUT15
VOUT14
VOUT13
VOUT12
VOUT11
VOUT10
VOUT9
VOUT8
VOUT7
VOUT6
VOUT5
VOUT4
VOUT3
VOUT2
VOUT1
CUSTOMER INFORMATION
Name:
____________________________________________
Company:
____________________________________________
Address:
____________________________________________
____________________________________________
Date:
____________________________________________
Please return this form to your local sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com