Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8708 Datasheet(PDF) 1 Page - Analog Devices

Part # ADD8708
Description  18-Channel Gamma Buffer with Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8708 Datasheet(HTML) 1 Page - Analog Devices

  ADD8708 Datasheet HTML 1Page - Analog Devices ADD8708 Datasheet HTML 2Page - Analog Devices ADD8708 Datasheet HTML 3Page - Analog Devices ADD8708 Datasheet HTML 4Page - Analog Devices ADD8708 Datasheet HTML 5Page - Analog Devices ADD8708 Datasheet HTML 6Page - Analog Devices ADD8708 Datasheet HTML 7Page - Analog Devices ADD8708 Datasheet HTML 8Page - Analog Devices ADD8708 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
18-Channel Gamma Buffer
with Regulator
ADD8708
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
18 precision gamma reference outputs
Mask-programmable gamma resistors:
0.2% resolution and 0.1% accuracy
Mask-programmable voltage regulator: 0.4% accuracy
Upper 9 buffers swing to VDD
Lower 9 buffers swing to GND
Single-supply operation: 7.5 V to 16.5 V
Gamma current drive: 15 mA per channel
Peak output current: 150 mA
Output voltage stable under load conditions
Pin-to-pin compatible with ADD8709
48-lead, Pb-free LQFP and LFCSP
APPLICATIONS
LCD TV panels
LCD monitor panels
GENERAL DESCRIPTION
The ADD8708 is an 18-channel integrated gamma reference for
use in high resolution LCD TV and monitors panels. The out-
put buffers feature high current drive and low offset voltage to
provide an accurate and stable gamma curve. The top nine
channels swing to VDD; the lower nine channels swing to GND.
Integrating the gamma setup resistors drastically reduces the
external component count while increasing the gamma curve
accuracy. To accommodate multiple column drivers and panel
architectures, the ADD8708 is mask programmable to a 0.2%
resolution using the on-chip 500 resistor string. An on-board
voltage regulator provides a fixed input for the resistor string,
isolating the gamma curve from the supply ripple.
The ADD8708 is specified over the temperature range of
–40°C to +105°C and comes in both a 48-lead, Pb-free,
lead-frame chip-scale package and a Pb-free, low-profile,
quad flat package.
FUNCTIONAL BLOCK DIAGRAM
GND
GND
VDD VDD
VOUT18
GAMMA
BUFFERS
VIN18
GND
1.2V
+
–
MASK-PROGRAMMABLE
REGULATOR RESISTORS
MASK-PROGRAMMABLE
RESISTOR STRING
VOUT17
VIN17
VOUT16
VIN16
VOUT15
VIN15
VOUT14
VIN14
VOUT13
VIN13
VOUT12
VIN12
VOUT11
VIN11
VOUT10
VIN10
VOUT9
VIN9
VOUT8
VIN8
VOUT7
VIN7
VOUT6
VIN6
VOUT5
VIN5
VOUT4
VIN4
VOUT3
VIN3
VOUT2
VIN2
VOUT1
VIN1
FB
VREG OUT
700
Ω*
700
Ω*
700
Ω*
700
Ω*
700
Ω*
700
Ω*
700
Ω*
700
Ω*
700
Ω*
700
Ω*
700
Ω*
700
Ω*
700
Ω*
700
Ω*
700
Ω*
700
Ω*
700
Ω*
700
Ω*
700
Ω*
*ESD PROTECTION RESISTORS
Figure 1. 48-Lead LQFP or LFCSP


Similar Part No. - ADD8708

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
18-Channel Gamma Buffer with Regulator
REV. 0
More results

Similar Description - ADD8708

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
18-Channel Gamma Buffer with Regulator
7/04-Revision 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV.0
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
logo
Analog Devices
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
12-Channel Gamma Buffers with Vcom Buffer
REV.0
logo
Maxim Integrated Produc...
DS3508 MAXIM-DS3508 Datasheet
193Kb / 14P
I2C, 8-Channel Gamma Buffer with EEPROM
Rev 1; 3/08
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
12-Channel Gamma Buffers with V Buffer
REV. 0
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
18-Channel Gamma Buffer with Regulator
REV. 0
ADD8709 AD-ADD8709_15 Datasheet
520Kb / 16P
18-Channel Gamma Buffer with Regulator
REV. A
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
10-Channel Gamma Buffer with VCOM Driver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com