Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8708 Datasheet(PDF) 14 Page - Analog Devices

Part # ADD8708
Description  18-Channel Gamma Buffer with Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8708 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADD8708 Datasheet HTML 8Page - Analog Devices ADD8708 Datasheet HTML 9Page - Analog Devices ADD8708 Datasheet HTML 10Page - Analog Devices ADD8708 Datasheet HTML 11Page - Analog Devices ADD8708 Datasheet HTML 12Page - Analog Devices ADD8708 Datasheet HTML 13Page - Analog Devices ADD8708 Datasheet HTML 14Page - Analog Devices ADD8708 Datasheet HTML 15Page - Analog Devices ADD8708 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADD8708
Rev. 0 | Page 14 of 16
TYPICAL APPLICATIONS CIRCUIT
GND
GND
VDD
16V
GAMMA
BUFFERS
1.2V
+
–
VOUT18
VOUT17
VOUT16
VOUT15
VOUT14
VOUT13
VOUT12
VOUT11
VOUT10
VOUT9
VOUT8
VOUT7
VOUT6
VOUT5
VOUT4
VOUT3
VOUT2
VOUT1
0
Ω
3.12k
Ω
810
Ω
240
Ω
210
Ω
120
Ω
270
Ω
720
Ω
540
Ω
2.22k
Ω
420
Ω
1.02k
Ω
300
Ω
120
Ω
270
Ω
240
Ω
840
Ω
3.33k
Ω
210
Ω
14.400V
11.405V
10.627V
10.397V
10.195V
10.080V
9.821V
9.130V
8.611V
6.480V
6.077V
5.098V
4.810V
4.694V
4.435V
4.205V
3.398V
0.202V
VIN18
VIN17
VIN16
VIN15
VIN14
VIN13
VIN12
VIN11
VIN10
VIN9
VIN8
VIN7
VIN6
VIN5
VIN4
VIN3
VIN2
VIN1
TP18 = 500
TP17 = 396
TP16 = 369
TP15 = 361
TP14 = 354
TP13 = 350
TP12 = 341
TP11 = 317
TP10 = 299
TP9 = 225
TP8 = 211
TP7 = 177
TP6 = 167
TP5 = 163
TP4 = 154
TP3 = 146
TP2 = 118
TP1 = 7
FB
NORMALLY
OPEN
55k
Ω
700
Ω
5k
Ω
VOLTAGE
REGULATOR
VREG OUT
0.1
µF
GAMMA 17
GAMMA 16
GAMMA 18
GAMMA 15
GAMMA 14
GAMMA 13
GAMMA 12
GAMMA 11
GAMMA 10
GAMMA 9
GAMMA 8
GAMMA 7
GAMMA 6
GAMMA 5
GAMMA 4
GAMMA 3
GAMMA 2
GAMMA 1
GAMMA 17
GAMMA 16
GAMMA 18
GAMMA 15
GAMMA 14
GAMMA 13
GAMMA 12
GAMMA 11
GAMMA 10
GAMMA 9
GAMMA 8
GAMMA 7
GAMMA 6
GAMMA 5
GAMMA 4
GAMMA 3
GAMMA 2
GAMMA 1
GAMMA 17
GAMMA 16
GAMMA 18
GAMMA 15
GAMMA 14
GAMMA 13
GAMMA 12
GAMMA 11
GAMMA 10
GAMMA 9
GAMMA 8
GAMMA 7
GAMMA 6
GAMMA 5
GAMMA 4
GAMMA 3
GAMMA 2
GAMMA 1
0.1
µF
700
Ω
700
Ω
700
Ω
700
Ω
700
Ω
700
Ω
700
Ω
700
Ω
700
Ω
700
Ω
700
Ω
700
Ω
700
Ω
700
Ω
700
Ω
700
Ω
700
Ω
700
Ω
ESD PROTECTION
RESISTORS
ESD PROTECTION
RESISTOR
Figure 25. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com