Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8708 Datasheet(PDF) 11 Page - Analog Devices

Part # ADD8708
Description  18-Channel Gamma Buffer with Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8708 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADD8708 Datasheet HTML 7Page - Analog Devices ADD8708 Datasheet HTML 8Page - Analog Devices ADD8708 Datasheet HTML 9Page - Analog Devices ADD8708 Datasheet HTML 10Page - Analog Devices ADD8708 Datasheet HTML 11Page - Analog Devices ADD8708 Datasheet HTML 12Page - Analog Devices ADD8708 Datasheet HTML 13Page - Analog Devices ADD8708 Datasheet HTML 14Page - Analog Devices ADD8708 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADD8708
Rev. 0 | Page 11 of 16
VOLTAGE REGULATOR
The on-board voltage regulator provides a regulated voltage to
the resistor chain to provide stable gamma voltages.
The two mask-programmable internal resistors, R1 and R2,
and a reference voltage set the output of the regulator. The
typical values of these parts are shown in Figure 23. In addition,
see the Tap Point and Regulator Voltage Request Form in this
data sheet.
VREF
1.2V
+
–
R2
55k
Ω
R1
5k
Ω
VREG OUT
Figure 23. Voltage Regulator
The internal resistors have a typical accuracy of 0.1%. External
resistors can be used to adjust the regulator voltage; however, it
is not recommended. Please contact your local sales office for
further details.
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the ADD8708 package
is limited by the associated rise in junction temperature (TJ) on
the die. At approximately 150°C, the glass transition tempera-
ture, the properties of the plastic change. Even temporarily
exceeding this temperature limit may change the stresses that
the package exerts on the die, permanently shifting the para-
metric performance of the ADD8708. Exceeding a junction
temperature of 175°C for an extended period can result in
changes in the silicon devices, potentially causing failure.
LAND PATTERN
The LFCSP package comes with a thermal pad. Soldering down
this thermal pad dramatically improves the heat dissipation of
the package. It is necessary to attach vias that connect the
soldered thermal pad to another layer on the board. This
provides an avenue to dissipate the heat away from the part.
Without vias, the heat is isolated directly under the part.
Subdivide the solder paste, or stencil layer, for the thermal pad
to reduce solder balling and splatter. It is not critical how the
subdivisions are arranged, as long as the total coverage of the
solder paste for the thermal pad is greater than 50%. The land
pattern is critical to heat dissipation. A suggested land pattern is
shown in Figure 22.
The thermal pad is attached to the substrate. In the ADD8708,
the substrate is connected to VDD. To be electrically safe, the
thermal pad should be soldered to an area on the board that is
electrically isolated or connected to VDD. Attaching the thermal
pad to ground adversely affects the performance of the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com