Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8708 Datasheet(PDF) 8 Page - Analog Devices

Part # ADD8708
Description  18-Channel Gamma Buffer with Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8708 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADD8708 Datasheet HTML 4Page - Analog Devices ADD8708 Datasheet HTML 5Page - Analog Devices ADD8708 Datasheet HTML 6Page - Analog Devices ADD8708 Datasheet HTML 7Page - Analog Devices ADD8708 Datasheet HTML 8Page - Analog Devices ADD8708 Datasheet HTML 9Page - Analog Devices ADD8708 Datasheet HTML 10Page - Analog Devices ADD8708 Datasheet HTML 11Page - Analog Devices ADD8708 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADD8708
Rev. 0 | Page 8 of 16
1000
900
800
700
600
500
400
300
200
100
0
–0.30
–0.18
–0.10
–0.02
0.06
0.14
0.22
0.30
GAMMA OUTPUT ERROR DUE TO OFFSET AND
RESISTOR MATCHING (% OF FS)
Figure 9. Gamma Output Voltage Error
0.3
–0.3
–0.2
–0.1
0
0.1
0.2
012
3456789
10
11
12
MAX ERROR EACH STEP
TYPICAL UNIT B
MIN ERROR EACH STEP
TYPICAL UNIT C
TYPICAL UNIT A
OUTPUT CHANNEL
Figure 10. Gamma Output Error per Channel (920 Parts)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
17
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
INPUT VOLTAGE (V)
ILOAD = 0mA
ILOAD = 5mA
ILOAD = 10mA
Figure 11. Dropout Characteristics
0
100
200
300
400
500
600
700
800
900
1000
01234
56789 10 11 12 13 14 15 16 17 18 19 20
OUTPUT CURRENT (mA)
Figure 12. Dropout Voltage vs. Output Current
800
750
700
650
600
550
500
450
400
350
300
250
200
150
100
50
0
–25 –15 –5
5
15
2535455565
758595 105 115
TEMPERATURE (
°C)
10mA
5mA
0mA
Figure 13. Dropout Voltage vs. Temperature
14.5
14.4
14.3
14.2
14.1
14.0
13.9
13.8
13.7
13.6
0
2
4
6
8
1012
141618
20
LOAD CURRENT (mA)
–20
°C
0
°C
+25
°C
+55
°C
+85
°C
+95
°C
+105
°C
Figure 14. Regulator Output vs. ILOAD over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com