Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3721 Datasheet(PDF) 6 Page - ams AG

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 Datasheet(HTML) 6 Page - ams AG

Back Button TMD3721 Datasheet HTML 2Page - ams AG TMD3721 Datasheet HTML 3Page - ams AG TMD3721 Datasheet HTML 4Page - ams AG TMD3721 Datasheet HTML 5Page - ams AG TMD3721 Datasheet HTML 6Page - ams AG TMD3721 Datasheet HTML 7Page - ams AG TMD3721 Datasheet HTML 8Page - ams AG TMD3721 Datasheet HTML 9Page - ams AG TMD3721 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
Datasheet, Public
Page 5
[v3-00] 2023-May-26
Document Feedback
TMD3721 − Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Electrical
Characteristics is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD18
Supply Voltage to GND
-0.3
1.98
V
VDD3
IR Emitter Voltage to GND
-0.3
3.6
V
VIO
Digital I/O Terminal Voltage
-0.3
3.6
V
INT, XRES, VSYNC, SDA, SCL
IIO
Digital Output Terminal
Current
-1
20
mA
Electrostatic Discharge
ISCR
Input Current
(latch-up immunity)
± 100
mA
JEDEC JESD78E Class II
ESDHBM
HBM Electrostatic
Discharge
± 2000
V
ANSI/ESDA/JEDEC JS-001-2017
ESDCDM
CDM Electrostatic
Discharge
± 500
V
ANSI/ESDA/JEDEC JS-002-2018
Temperature Ranges and Storage Conditions
TSTRG
Storage Temperature
Range
-40
85
°C
TBODY
Package Body Temperature
260
°C
IPC/JEDEC J-STD-020
The reflow peak soldering
temperature (body temperature) is
specified according to IPC/JEDEC
J-STD-020 “Moisture/Reflow
Sensitivity Classification for
Non-hermetic Solid State Surface
Mount Devices.”
RHNC
Relative Humidity
(non-condensing)
85
%
MSL
Moisture Sensitivity Level
3
Represents a max. floor life time of
168h
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com