Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3721 Datasheet(PDF) 66 Page - ams AG

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 Datasheet(HTML) 66 Page - ams AG

Back Button TMD3721 Datasheet HTML 62Page - ams AG TMD3721 Datasheet HTML 63Page - ams AG TMD3721 Datasheet HTML 64Page - ams AG TMD3721 Datasheet HTML 65Page - ams AG TMD3721 Datasheet HTML 66Page - ams AG TMD3721 Datasheet HTML 67Page - ams AG TMD3721 Datasheet HTML 68Page - ams AG TMD3721 Datasheet HTML 69Page - ams AG TMD3721 Datasheet HTML 70Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 89 page
background image
Datasheet, Public
Page 65
[v3-00] 2023-May-26
Document Feedback
TMD3721 − Register Overview
PWTIME Register (Address 0xEC)
Figure 91:
PWTIME Register
The PWTIME is implemented using a down counter and starts
counting from very beginning of every proximity measurement
cycle including the initialization time. If enabled, PWTIME needs
to be programmed greater than proximity measurement time,
otherwise it's ignored.
PWTIME = Wait Cycles x2.779ms.
If PWLONG is enabled, then PWTIME =Wait Cycles x2.779ms x12.
Note that PWTIME is available in Full Parallel Mode and
Concurrent Mode, but ignored in Sequential Mode.
Addr: 0xEC
PWTIME
Bit
Bit Name
Default
Access
Bit Description
7:0
PWTIME
0x00
RW
Value that specifies the proximity wait time in 2.779ms
increments.
Value
Wait Cycles
Wait Time
0x00
1
2.779ms (33.346ms)
0x01
2
5.558ms (66.692ms)
0x02
3
8.336ms (100.038ms)
……
…
0x1F
32
88.923ms (1.067s)
……
…
0xFF
256
711.381ms (8.537s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com