Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3721 Datasheet(PDF) 46 Page - ams AG

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 Datasheet(HTML) 46 Page - ams AG

Back Button TMD3721 Datasheet HTML 42Page - ams AG TMD3721 Datasheet HTML 43Page - ams AG TMD3721 Datasheet HTML 44Page - ams AG TMD3721 Datasheet HTML 45Page - ams AG TMD3721 Datasheet HTML 46Page - ams AG TMD3721 Datasheet HTML 47Page - ams AG TMD3721 Datasheet HTML 48Page - ams AG TMD3721 Datasheet HTML 49Page - ams AG TMD3721 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 89 page
background image
Datasheet, Public
Page 45
[v3-00] 2023-May-26
Document Feedback
TMD3721 − Register Overview
RESET Register (Address 0xA8)
Figure 59:
RESET Register
Addr: 0xA8
RESET
Bit
Bit Name
Default
Access
Bit Description
7:4
Reserved
0000
RW
Reserved. Must be set to default value.
3
INV_XRES
0
RW
Inverts XRES pin input.
2ENAB_XRES
0
RW
Enable XRES as a hardware reset pin. By default, level
high triggers a device reset.
1
HARD_RESET
0
RW
Perform a POR cycle when this bit is set.
0SOFT_RESET
0
RW
Software Reset. Writing a ‘1’ triggers a reset of all I²C
registers to default states, including SOFT_RESET bit itself.
Due to the reset of PON, a running ALS and Proximity is
aborted and the oscillator is turned off. SOFT_RESET will
not set POWER_ON_RESET status bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com