Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3721 Datasheet(PDF) 52 Page - ams AG

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 Datasheet(HTML) 52 Page - ams AG

Back Button TMD3721 Datasheet HTML 48Page - ams AG TMD3721 Datasheet HTML 49Page - ams AG TMD3721 Datasheet HTML 50Page - ams AG TMD3721 Datasheet HTML 51Page - ams AG TMD3721 Datasheet HTML 52Page - ams AG TMD3721 Datasheet HTML 53Page - ams AG TMD3721 Datasheet HTML 54Page - ams AG TMD3721 Datasheet HTML 55Page - ams AG TMD3721 Datasheet HTML 56Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 89 page
background image
Datasheet, Public
Page 51
[v3-00] 2023-May-26
Document Feedback
TMD3721 − Register Overview
POFFSET Register (Address 0xC0)
Figure 70:
POFFSET Register
POFFSET_SIGN Register (Address 0xC1)
Figure 71:
POFFSET_SIGN Register
Typically, optical and/or electrical crosstalk negatively
influence proximity operation and results. The POFFSET
/POFFSET_SIGN registers provide a mechanism to remove
system crosstalk from the proximity data. POFFSET /POFFSET_
SIGN contains the magnitude and sign of a value that adjusts
PDATA in the AFE. An offset value in the range of ± 255 is
possible.
AZ_CONFIG Register (Address 0xD6)
Figure 72:
AZ_CONFIG Register
Addr: 0xC0
POFFSET
Bit
Bit Name
Default
Access
Bit Description
7:0
POFFSET
0x00
RW
This register contains the magnitude portion of
proximity offset adjust value.
Addr: 0xC1
POFFSET_SIGN
Bit
Bit Name
Default
Access
Bit Description
7:1
Reserved
0000000
RW
Reserved. Must be set to default value.
0
POFFSET_
SIGN
0RW
This register contains the sign portion of
proximity offset adjust value.
Addr: 0xD6
AZ_CONFIG
Bit
Bit Name
Default
Access
Bit Description
7
START_MAN_AZ
0
RW, SC
Starts ALS manual auto zero once the bit is set.
Once auto zero is completed, it's self cleared. This
manual trigger needs to be enabled only when
PON=1 and AEN=0. The user first needs to set
PON=1 and then set this bit.
6:0
AZ_NTH_
ITERATION
1111111
RW
Run autozero automatically every nth ALS
iteration (0=never, 7Fh=only at first ALS cycle,
n=every nth time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com