Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3721 Datasheet(PDF) 63 Page - ams AG

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 Datasheet(HTML) 63 Page - ams AG

Back Button TMD3721 Datasheet HTML 59Page - ams AG TMD3721 Datasheet HTML 60Page - ams AG TMD3721 Datasheet HTML 61Page - ams AG TMD3721 Datasheet HTML 62Page - ams AG TMD3721 Datasheet HTML 63Page - ams AG TMD3721 Datasheet HTML 64Page - ams AG TMD3721 Datasheet HTML 65Page - ams AG TMD3721 Datasheet HTML 66Page - ams AG TMD3721 Datasheet HTML 67Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 89 page
background image
Page 62
Datasheet, Public
Document Feedback
[v3-00] 2023-May-26
TMD3721 − Register O ver view
AWTIME Register (Address 0xE7)
Figure 87:
AWTIME Register
The AWTIME is implemented using a down counter and starts
counting from very beginning of every ALS integration cycle. If
enabled, AWTIME needs to be programmed greater than ATIME,
otherwise ATIME takes precedence over AWTIME.
AWTIME = Wait Cycles x2.779ms.
If AWLONG is enabled, then AWTIME =Wait Cycles x2.779ms x12.
Addr: 0xE7
AWTIME
Bit
Bit Name
Default
Access
Bit Description
7:0
AWTIME
0x00
RW
Value that specifies the wait time in 2.779ms increments
Value
Wait Cycles
Wait Time
0x00
1
2.779ms (33.346ms)
0x01
2
5.558ms (66.692ms)
0x02
3
8.336ms (100.038ms)
……
…
0x1F
32
88.923ms (1.067s)
……
…
0xFF
256
711.381ms (8.537s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com