Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3721 Datasheet(PDF) 69 Page - ams AG

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 Datasheet(HTML) 69 Page - ams AG

Back Button TMD3721 Datasheet HTML 65Page - ams AG TMD3721 Datasheet HTML 66Page - ams AG TMD3721 Datasheet HTML 67Page - ams AG TMD3721 Datasheet HTML 68Page - ams AG TMD3721 Datasheet HTML 69Page - ams AG TMD3721 Datasheet HTML 70Page - ams AG TMD3721 Datasheet HTML 71Page - ams AG TMD3721 Datasheet HTML 72Page - ams AG TMD3721 Datasheet HTML 73Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 89 page
background image
Page 68
Datasheet, Public
Document Feedback
[v3-00] 2023-May-26
TMD3721 − Register O ver view
PDATA_L Register (Address 0xF4)
Figure 94:
PDATA_L Register
PDATA_H Register (Address 0xF5)
Figure 95:
PDATA_H Register
Proximity detection uses an Automatic Pulse Control (APC)
mechanism that adjusts the number of pulses per measurement
based on the magnitude of the reflected IR signal. As the
magnitude of the signal increases, the number of pulses
decreases.
Dependent on the configurations, proximity data can be stored
as a 10-bit, 14-bit, or 16-bit value (two bytes). Reading the low
byte first latches the high byte.
When Automatic Pulse Control (APC) is enabled by setting
DISABLE_APC=0 (bit6 of CFG6), proximity detection uses a
10-bit ADC that is extended to a 14-bit or 16-bit dynamic range
for PDATA.
If ENAB_16_BIT_OP =0, PDATA is a 14-bit value,
PDATA = ADCvalue x (16 / actual number of pulses transmitted);
If ENAB_16_BIT_OP =1, PDATA is a 16-bit value,
PDATA = ADCvalue x (64 / actual number of pulses transmitted);
PDATA is therefore proportional to the reflected energy
independent of the number of pulses transmitted.
When Automatic Pulse Control (APC) is disabled by setting
DISABLE_APC=1 (bit6 of CFG6), then the proximity data
converts to a 10-bit value. PDATAL contains the 8 most
significant bits of the 10-bit value and PDATAH bit locations 1:0
Addr: 0xF4
PDATA_L
Bit
Bit Name
Default
Access
Bit Description
7:0
PDATA_L
0x00
R
If APC is enabled, this register contains the
low byte of the 14-bit proximity data.
If APC is disabled, this register contains the
upper 8 most significant bits of the 10-bit
proximity data.
Addr: 0xF5
PDATA_H
Bit
Bit Name
Default
Access
Bit Description
7:0
PDATA_H
0x00
R
If APC is enabled, this register contains the
high byte of the 14-bit proximity data.
If APC is disabled, bits 1:0 contain the lower 2
bits of the 10-bit proximity value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com