Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3721 Datasheet(PDF) 49 Page - ams AG

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 Datasheet(HTML) 49 Page - ams AG

Back Button TMD3721 Datasheet HTML 45Page - ams AG TMD3721 Datasheet HTML 46Page - ams AG TMD3721 Datasheet HTML 47Page - ams AG TMD3721 Datasheet HTML 48Page - ams AG TMD3721 Datasheet HTML 49Page - ams AG TMD3721 Datasheet HTML 50Page - ams AG TMD3721 Datasheet HTML 51Page - ams AG TMD3721 Datasheet HTML 52Page - ams AG TMD3721 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
Page 48
Datasheet, Public
Document Feedback
[v3-00] 2023-May-26
TMD3721 − Register O ver view
VSYNC_CFG Register (Address 0xB1)
Figure 63:
VSYNC_CFG Register
Addr: 0xB1
VSYNC_CFG
Bit
Bit Name
Default
Access
Bit Description
7:6
Reserved
00
RW
Reserved. Must be set to default value.
5:4
VSYNC_CHG_DET_STP
00
RW
VSYNC period change detection step.
Once VSYNC period changes from previous cycle
by step of period mentioned in the following table,
VSYNC_CHG_INT interrupt is generated if VSIEN=1.
VSYNC_PRD ={VSYNC_PRD_H, VSYNC_PRD_L}
Value
Timing
0Compare with VSYNC_PRD[15:10]
1Compare with VSYNC_PRD[15:9]
2Compare with VSYNC_PRD[15:11]
3Compare with VSYNC_PRD[15:12]
3INT_VSYNC_EN
0
RW
Enables internal VSYNC. It will be cleared
automatically when VSYNC signal is detected on
the device VSYNC pin.
2
VSYNC_INVERT
0
RW
This bit inverts VSYNC input.
0 – Not inverted;
1 – Inverted;
1:0
VSYNC_WD_TH
0
RW
VSYNC watch dog time out. The expiration
generates VSYNC_LOST_INT interrupt if VSIEN=1.
Value
Timing
088.92ms
111.12ms
222.23ms
344.46ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com