Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3721 Datasheet(PDF) 31 Page - ams AG

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 Datasheet(HTML) 31 Page - ams AG

Back Button TMD3721 Datasheet HTML 27Page - ams AG TMD3721 Datasheet HTML 28Page - ams AG TMD3721 Datasheet HTML 29Page - ams AG TMD3721 Datasheet HTML 30Page - ams AG TMD3721 Datasheet HTML 31Page - ams AG TMD3721 Datasheet HTML 32Page - ams AG TMD3721 Datasheet HTML 33Page - ams AG TMD3721 Datasheet HTML 34Page - ams AG TMD3721 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 89 page
background image
Page 30
Datasheet, Public
Document Feedback
[v3-00] 2023-May-26
TMD3721 − Register O ver view
PIHTL Register (Address 0x8A)
Figure 36:
PIHTL Register
PIHTH Register (Address 0x8B)
Figure 37:
PIHTH Register
The contents of the PIHTH and PIHTL registers are combined
and treated as a fourteen (14) bit threshold high value. If the
value generated by the proximity ADC (PDATA) is above the
PIHTL/H threshold and the PPERS value is reached, then the
high proximity threshold is breached. When setting the 14-bit
proximity threshold, PIHTL must be written first, immediately
follow by PIHTH. Internally, the lower 8 bits are buffered until
the upper 8 bits are written. As the upper 8 bits are written both
the high and low bytes are simultaneously latched as a 14-bit
value.
If Automatic Pulse Control (APC) is disabled by setting bit 6 in
CFG6 to 1, then the proximity data converts to a 10-bit value.
PIHTL contains an 8-bit threshold which is compared against
the upper 8 bits of the 10-bit value. PIHTH is ignored.
Addr: 0x8A
PIHTL
Bit
Bit Name
Default
Access
Bit Description
7:0
PIHTL
0x00
RW
This register contains the low byte of the 14-bit
proximity HIGH threshold when APC is enabled. If APC
is disabled, this register contains the HIGH threshold
which is an 8-bit value which is compared against the
upper 8 bits of the 10-bit proximity value.
Addr: 0x8B
PIHTH
Bit
Bit Name
Default
Access
Bit Description
7:6
Reserved
00
RW
Reserved. Must be set to default value.
5:0
PIHTH
000000
RW
This register contains the upper 6 bits of the 14-bit
proximity HIGH threshold when APC is enabled. If APC
is disabled, this register is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com