Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD3721 Datasheet(PDF) 36 Page - ams AG

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 Datasheet(HTML) 36 Page - ams AG

Back Button TMD3721 Datasheet HTML 32Page - ams AG TMD3721 Datasheet HTML 33Page - ams AG TMD3721 Datasheet HTML 34Page - ams AG TMD3721 Datasheet HTML 35Page - ams AG TMD3721 Datasheet HTML 36Page - ams AG TMD3721 Datasheet HTML 37Page - ams AG TMD3721 Datasheet HTML 38Page - ams AG TMD3721 Datasheet HTML 39Page - ams AG TMD3721 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 89 page
background image
Datasheet, Public
Page 35
[v3-00] 2023-May-26
Document Feedback
TMD3721 − Register Overview
PCFG2 Register (Address 0x90)
Figure 42:
PCFG2 Register
REVID Register (Address 0x91)
Figure 43:
REVID Register
ID Register (Address 0x92)
Figure 44:
ID Register
Addr: 0x90
PCFG2
Bit
Bit Name
Default
Access
Bit Description
7:0
PPULSE_LENL
0x20
RW
These bits are the 8 least significant bits of the 10-bit
Pulse Length control setting. The upper 2 bits are in
the PCFG1 register. See the PCFG1 register for details.
Pulse Length needs to be greater than 16μs.
Value
Pulse Length
14 (0000001110)
16μs
15 (0000001111)
17μs
Pulse Length = (PPULSE_LEN + 2)μs
1023 (1111111111)
1025μs
Addr: 0x91
REVID
Bit
Bit Name
Default
Access
Bit Description
7:5
Reserved
000
R
Reserved
4:3
FUNC_ID
00
R
Device function identification
2:0
REV_ID
001
R
Device revision number
Addr: 0x92
ID
Bit
Bit Name
Default
Access
Bit Description
7:0
ID
0x82
R
Device identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com