Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62P Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button M16C/62P Datasheet HTML 29Page - Renesas Technology Corp M16C/62P Datasheet HTML 30Page - Renesas Technology Corp M16C/62P Datasheet HTML 31Page - Renesas Technology Corp M16C/62P Datasheet HTML 32Page - Renesas Technology Corp M16C/62P Datasheet HTML 33Page - Renesas Technology Corp M16C/62P Datasheet HTML 34Page - Renesas Technology Corp M16C/62P Datasheet HTML 35Page - Renesas Technology Corp M16C/62P Datasheet HTML 36Page - Renesas Technology Corp M16C/62P Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62P)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 33
Table 5.4 A-D Conversion Characteristics (1)
Standard
Min.
Typ.Max.
–
INL
Resolution
Integral
non-
linearity
error
Bits
VREF =VCC1
10
SymbolParameterMeasuring conditionUnit
AN0 to AN7 input
AN0_0 to AN0_7 input
AN2_0 to AN2_7 input
ANEX0, ANEX1 input
VREF=
VCC1=
5V
LSB
±3
LSB
±7
LSB
VREF =VCC1=3.3V
8 bit
±2
RLADDER
tCONV
Ladder resistance
Conversion time(10bit), Sample & hold
function available
Reference voltage
Analog input voltage
k
Ω
µs
V
VIA
VREF
V
0
2.0
10
VCC1
VREF
40
2.75
Conversion time(8bit), Sample & hold
function available
µs
2.33
tCONV
tSAMP
Sampling time
0.25
µs
VREF =VCC1
VREF =VCC1=5V, øAD=12MHz
VREF =VCC1=5V, øAD=12MHz
DNL
Differential non-linearity error
Offset error
Gain error
–
–
LSB
LSB
LSB
±1
±3
±3
NOTES:
1. Referenced to VCC1=AVCC=VREF=3.3 to 5.5V, VSS=AVSS=0V at Topr = -20 to 85
°C / -40 to 85 °C unless otherwise
specified.
2. If VCC1 > VCC2, do not use AN0_0 to AN0_7 and AN2_0 to AN2_7 as analog input pins.
3. AD operation clock frequency (øAD frequency) must be 12 MHz or less. And divide the fAD if VCC1 is less than 4.0V,
and øAD frequency into 10 MHz or less.
4. A case without sample & hold function turn øAD frequency into 250 kHz or more in addition to a limit of Note 3.
A case with sample & hold function turn øAD frequency into 1MHz or more in addition to a limit of Note 3.
10 bit
VREF=
VCC1=
3.3V
LSB
±5
LSB
±7
VREF=
VCC1=
5V
LSB
±3
LSB
±7
LSB
VREF =VCC1=3.3V
8 bit
±2
10 bit
VREF=
VCC1=
3.3V
LSB
±5
LSB
±7
–
Absolute
accuracy
External operation amp
connection mode
AN0 to AN7 input
AN0_0 to AN0_7 input
AN2_0 to AN2_7 input
ANEX0, ANEX1 input
External operation amp
connection mode
AN0 to AN7 input
AN0_0 to AN0_7 input
AN2_0 to AN2_7 input
ANEX0, ANEX1 input
External operation amp
connection mode
AN0 to AN7 input
AN0_0 to AN0_7 input
AN2_0 to AN2_7 input
ANEX0, ANEX1 input
External operation amp
connection mode
Tolerance level impedance
–
3k
Ω
Table 5.5 D-A Conversion Characteristics (1)
Min. Typ. Max.
–
–
tsu
RO
Resolution
Absolute accuracy
Setup time
Output resistance
Reference power supply input current
Bits
%
k
Ω
mA
IVREF
1.0
1.5
8
3
SymbolParameterMeasuring conditionUnit
20
10
4
µs
(Note 2)
Standard
NOTES:
1. Referenced to VCC1=VREF=3.3 to 5.5V, VSS=AVSS=0V at Topr = -20 to 85
°C / -40 to 85 °C unless otherwise specified.
2. This applies when using one D-A converter, with the D-A register for the unused D-A converter set to “00h”. The A-D
converter’s ladder resistance is not included. Also, when D-A register contents are not “00h”, the current IVREF always
flows even though Vref may have been set to be unconnected by the A-D control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com