Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62P Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button M16C/62P Datasheet HTML 27Page - Renesas Technology Corp M16C/62P Datasheet HTML 28Page - Renesas Technology Corp M16C/62P Datasheet HTML 29Page - Renesas Technology Corp M16C/62P Datasheet HTML 30Page - Renesas Technology Corp M16C/62P Datasheet HTML 31Page - Renesas Technology Corp M16C/62P Datasheet HTML 32Page - Renesas Technology Corp M16C/62P Datasheet HTML 33Page - Renesas Technology Corp M16C/62P Datasheet HTML 34Page - Renesas Technology Corp M16C/62P Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62P)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 31
2.75.5
Typ.Max.
Unit
Parameter
VCC1, VCC2
5.0
Supply voltage(VCC1
≥VCC2)
Symbol
Min.
Standard
Analog supply voltage
VCC1
AVcc
V
V
0
0
Analog supply voltage
Supply voltage
VIH
IOH (avg)
HIGH average
output current
mA
mA
Vss
AVss
0.8VCC2
V
V
V
V
V
VCC2
0.2VCC2
0.2VCC1
0
0
0
LOW input
voltage
0.16VCC2
IOH (peak)
HIGH peak output
current
HIGH input
voltage
-5.0
-10.0
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_2 to P7_7,
P8_0 to P8_4, P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P3_1 to P3_7, P4_0 to P4_7, P5_0 to P5_7, P12_0 to P12_7, P13_0 to P13_7
V
V
0.8VCC2
0.5VCC2
VCC2
VCC2
(data input during memory expansion and microprocessor modes)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 (during single-chip mode)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0
LOW peak output
current
10.0
5.0
mA
LOW average
output current
IOL (peak)
mA
IOL (avg)
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_2 to P7_7,
P8_0 to P8_4, P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_4, P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_4, P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P7_0 , P7_1
0.8VCC1
6.5V
VIL
P11_0 to P11_7, P12_0 to P12_7, P13_0 to P13_7, P14_0, P14_1
P11_0 to P11_7, P12_0 to P12_7, P13_0 to P13_7, P14_0, P14_1
P11_0 to P11_7, P12_0 to P12_7, P13_0 to P13_7, P14_0, P14_1
P11_0 to P11_7, P12_0 to P12_7, P13_0 to P13_7, P14_0, P14_1
NOTES:
1. Referenced to VCC1 = VCC2 = 2.7 to 5.5V at Topr = -20 to 85
°C / -40 to 85 °C unless otherwise specified.
2. SVCC indicates the minimum time gradient until VCC1 reaches 2.7V.
3. The mean output current is the mean value within 100ms.
4. The total IOL (peak) for ports P0, P1, P2, P8_6, P8_7, P9, P10, P11, P14_0 and P14_1 must be 80mA max. The total IOL (peak) for
ports P3, P4, P5, P6, P7, P8_0 to P8_4, P12, and P13 must be 80mA max. The total IOH (peak) for ports P0, P1, and P2 must be
-40mA max. The total IOH (peak) for ports P3, P4, P5, P12, and P13 must be -40mA max. The total IOH (peak) for ports P6, P7, and
P8_0 to P8_4 must be -40mA max. The total IOH (peak) for ports P8_6, P8_7, P9, P10, P11, P14_0, and P14_1 must be -40mA max.
5. There is no external connections for port P1_0 to P1_7, P4_4 to P4_7, P7_2 to P7_5 and P9_1 in 80-pin version.
0.8VCC1
V
VCC1
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_7, P9_0 to P9_7, P10_0 to P10_7,
XIN, RESET, CNVSS, BYTE
P11_0 to P11_7, P14_0, P14_1,
P3_1 to P3_7, P4_0 to P4_7, P5_0 to P5_7, P12_0 to P12_7, P13_0 to P13_7
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 (during single-chip mode)
V
0.2VCC2
0
(data input during memory expansion and microprocessor modes)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7, P9_0 to P9_7, P10_0 to P10_7,
XIN, RESET, CNVSS, BYTE
P11_0 to P11_7, P14_0, P14_1,
f(ripple)(2)
Power supply ripple allowable frequency
Power supply ripple allowable amplitude voltage
VP-P(ripple)(2)
(VCC1=5V)
(VCC1=3V)
Power supply ripple rising / falling gradient
VCC(|
∆V / ∆T|)
(2)
(VCC1=5V)
(VCC1=3V)
Power supply rising gradient
SVCC(2)
10
0.5
0.3
0.3
0.3
0.05
MHz
V
V
V/ms
V/ms
V/ms
Table 5.2 Recommended Operating Conditions (1) (1)
Vp-p(ripple)
f(ripple)
SVCC
t
V
VCC1
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com