Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62P Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button M16C/62P Datasheet HTML 28Page - Renesas Technology Corp M16C/62P Datasheet HTML 29Page - Renesas Technology Corp M16C/62P Datasheet HTML 30Page - Renesas Technology Corp M16C/62P Datasheet HTML 31Page - Renesas Technology Corp M16C/62P Datasheet HTML 32Page - Renesas Technology Corp M16C/62P Datasheet HTML 33Page - Renesas Technology Corp M16C/62P Datasheet HTML 34Page - Renesas Technology Corp M16C/62P Datasheet HTML 35Page - Renesas Technology Corp M16C/62P Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62P)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 32
Table 5.3 Recommended Operating Conditions (2) (1)
Main clock input oscillation frequency
16.0
0.0
VCC1[V] (main clock: no division)
5.5
3.0
10.0
2.7
20 x VCC1-44MHz
PLL clock oscillation frequency
24.0
0.0
VCC1[V] (PLL clock oscillation)
5.5
10.0
2.7
3.0
46.67 x VCC1-116MHz
Typ.Max.
Unit
Parameter
Symbol
Min.
Standard
NOTES:
1. Referenced to VCC1 = VCC2 = 2.7 to 5.5V at Topr = -20 to 85
°C / -40 to 85 °C unless otherwise specified.
2. Relationship between main clock oscillation frequency, PLL clock oscillation frequency and supply voltage.
f (XIN)
Main clock input oscillation frequency (2)
20 X VCC1-44
VCC1=3.0 to 5.5V
VCC1=2.7 to 3.0V
0
0
MHz
MHz
16
f (XCIN)Sub-clock oscillation frequency
kHz
50
32.768
f (Ring)
Ring oscillation frequency
MHz
1
f (PLL)
PLL clock oscillation frequency (2)
46.67 X VCC1-
116
VCC1=3.0 to 5.5V
VCC1=2.7 to 3.0V
10
10
MHz
MHz
24
f (BCLK)
CPU operation clock
0
MHz
24
tSU(PLL)
PLL frequency synthesizer stabilization wait time
VCC1=5.0V
VCC1=3.0V
50
20
ms
ms
0.5
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com