Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62P Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M16C/62P Datasheet HTML 5Page - Renesas Technology Corp M16C/62P Datasheet HTML 6Page - Renesas Technology Corp M16C/62P Datasheet HTML 7Page - Renesas Technology Corp M16C/62P Datasheet HTML 8Page - Renesas Technology Corp M16C/62P Datasheet HTML 9Page - Renesas Technology Corp M16C/62P Datasheet HTML 10Page - Renesas Technology Corp M16C/62P Datasheet HTML 11Page - Renesas Technology Corp M16C/62P Datasheet HTML 12Page - Renesas Technology Corp M16C/62P Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 87 page
background image
1. Overview
M16C/62 Group (M16C/62P, M16C/62PT)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 9
Table 1.6 Product List (3) (T version (M16C/62PT))
100P6S-A
4K bytes
64K bytes
M3062CM8T-XXXFP
M3062CM8T-XXXGP
100P6Q-A
100P6S-A
5K bytes
96K bytes
M3062CMAT-XXXFP
M3062CMAT-XXXGP
100P6Q-A
100P6S-A
10K bytes
128K bytes
M3062AMCT-XXXFP
M3062AMCT-XXXGP
100P6Q-A
M3062EMAT-XXXGP
80P6S-A
M3062EM8T-XXXGP
80P6S-A
M3062BMCT-XXXGP
80P6S-A
MASK ROM
version
100P6S-A
M3062AFCTFP
M3062AFCTGP
100P6Q-A
100P6S-A
31K bytes
384K+4K bytes
M3062JFHTFP
M3062JFHTGP
100P6Q-A
10K bytes
128K+4K bytes
M3062BFCTGP
80P6S-A
Flash memory
version
T Version
(High reliability
85 °C Version)
RAM capacity
ROM capacity
Package type
Remarks
Type No.
As of Nov. 2003
(D): Under development
(P): Under planning
(P)
(D)
(D)
(P)
(D)
(D)
(P)
(D)
(D)
(P)
(D)
(D)
(D)
(D)
M3062CM6T-XXXGP
M3062EM6T-XXXGP
M3062CM6T-XXXFP
(D)
(D)
(P)
100P6S-A
4K bytes
48K bytes
100P6Q-A
80P6S-A
M3062CF8TGP
100P6Q-A
4K bytes
64K bytes
(D)
Table 1.7 Product List (4) (V version (M16C/62PT))
RAM capacity
ROM capacity
Package type
Remarks
Type No.
As of Nov. 2003
100P6S-A
M3062CM8V-XXXFP
4K bytes
64K bytes
M3062CM8V-XXXGP
100P6Q-A
100P6S-A
M3062CMAV-XXXFP
5K bytes
96K bytes
M3062CMAV-XXXGP
100P6Q-A
100P6S-A
M3062AMCV-XXXFP
10K bytes
128K bytes
M3062AMCV-XXXGP
100P6Q-A
M3062EMAV-XXXGP
80P6S-A
M3062EM8V-XXXGP
80P6S-A
M3062BMCV-XXXGP
80P6S-A
MASK ROM
version
100P6S-A
M3062AFCVFP
M3062AFCVGP
100P6Q-A
10K bytes
128K+4K bytes
M3062BFCVGP
80P6S-A
Flash memory
version
(P)
(P)
(P)
(P)
(P)
(P)
(P)
(P)
(D)
(D)
(D)
(D)
100P6S-A
M3062JFHVFP
M3062JFHVGP
100P6Q-A
31K bytes
384K+4K bytes
(P)
(P)
(D): Under development
(P): Under planning
100P6S-A
M3062CM6V-XXXFP
4K bytes
48K bytes
M3062CM6V-XXXGP
100P6Q-A
M3062EM6V-XXXGP
80P6S-A
(P)
(P)
(P)
V Version
(High reliability
125 °C Version)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com