Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62P Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button M16C/62P Datasheet HTML 36Page - Renesas Technology Corp M16C/62P Datasheet HTML 37Page - Renesas Technology Corp M16C/62P Datasheet HTML 38Page - Renesas Technology Corp M16C/62P Datasheet HTML 39Page - Renesas Technology Corp M16C/62P Datasheet HTML 40Page - Renesas Technology Corp M16C/62P Datasheet HTML 41Page - Renesas Technology Corp M16C/62P Datasheet HTML 42Page - Renesas Technology Corp M16C/62P Datasheet HTML 43Page - Renesas Technology Corp M16C/62P Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62P)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 40
Table 5.21 Timer B Input (Counter Input in Event Counter Mode)
Table 5.22 Timer B Input (Pulse Period Measurement Mode)
Table 5.23 Timer B Input (Pulse Width Measurement Mode)
Table 5.24 A-D Trigger Input
Table 5.25 Serial I/O
_______
Table 5.26 External Interrupt INTi Input
VCC1 = VCC2 = 5V
Standard
Max.
Min.
TBiIN input cycle time (counted on one edge)
TBiIN input HIGH pulse width (counted on one edge)
TBiIN input LOW pulse width (counted on one edge)
ns
ns
ns
tc(TB)
tw(TBH)
tw(TBL)
Parameter
Symbol
Unit
tc(TB)
tw(TBL)
tw(TBH)
ns
ns
ns
TBiIN input HIGH pulse width (counted on both edges)
TBiIN input LOW pulse width (counted on both edges)
TBiIN input cycle time (counted on both edges)
100
40
40
80
80
200
Standard
Max.
Min.
ns
ns
tc(TB)
tw(TBH)
Symbol
Parameter
Unit
tw(TBL)
ns
TBiIN input HIGH pulse width
TBiIN input cycle time
TBiIN input LOW pulse width
400
200
200
Standard
Max.
Min.
ns
ns
tc(TB)
Symbol
Parameter
Unit
tw(TBL)
ns
tw(TBH)
TBiIN input cycle time
TBiIN input HIGH pulse width
TBiIN input LOW pulse width
400
200
200
Standard
Max.
Min.
ns
ns
tc(AD)
tw(ADL)
Symbol
Parameter
Unit
ADTRG input cycle time (trigger able minimum)
ADTRG input LOW pulse width
1000
125
ns
ns
ns
ns
ns
ns
ns
Standard
Max.
Min.
CLKi input cycle time
CLKi input HIGH pulse width
CLKi input LOW pulse width
tc(CK)
tw(CKH)
tw(CKL)
Parameter
Symbol
Unit
td(C-Q)
tsu(D-C)
th(C-Q)
TXDi hold time
RXDi input setup time
TXDi output delay time
th(C-D)
RXDi input hold time
200
100
100
0
30
90
80
Standard
Max.
Min.
ns
ns
tw(INH)
tw(INL)
Symbol
Parameter
Unit
INTi input LOW pulse width
INTi input HIGH pulse width
250
250
Timing Requirements
(VCC1 = VCC2 = 5V, VSS = 0V, at Topr = – 20 to 85oC / – 40 to 85oC unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com