Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62P Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button M16C/62P Datasheet HTML 68Page - Renesas Technology Corp M16C/62P Datasheet HTML 69Page - Renesas Technology Corp M16C/62P Datasheet HTML 70Page - Renesas Technology Corp M16C/62P Datasheet HTML 71Page - Renesas Technology Corp M16C/62P Datasheet HTML 72Page - Renesas Technology Corp M16C/62P Datasheet HTML 73Page - Renesas Technology Corp M16C/62P Datasheet HTML 74Page - Renesas Technology Corp M16C/62P Datasheet HTML 75Page - Renesas Technology Corp M16C/62P Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62PT)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 72
Table 5.51 A-D Conversion Characteristics (1)
Table 5.52 D-A Conversion Characteristics (1)
Standard
Min.Typ.Max.
–
INL
Resolution
Integral
non-
linearity
error
Bits
VREF =VCC1
10
SymbolParameterMeasuring conditionUnit
AN0 to AN7 input
AN0_0 to AN0_7 input
AN2_0 to AN2_7 input
ANEX0, ANEX1 input
VREF=
VCC1=
5V
LSB
±3
LSB
±7
LSB
VREF =VCC1=3.3V
8 bit
±2
RLADDER
tCONV
Ladder resistance
Conversion time(10bit), Sample & hold
function available
Reference voltage
Analog input voltage
k
Ω
µs
V
VIA
VREF
V
0
2.0
10
VCC1
VREF
40
2.75
Conversion time(8bit), Sample & hold
function available
µs
2.33
tCONV
tSAMP
Sampling time0.25
µs
VREF =VCC1
VREF =VCC1=5V, øAD=12MHz
VREF =VCC1=5V, øAD=12MHz
DNL
Differential non-linearity error
Offset error
Gain error
–
–
LSB
LSB
LSB
±1
±3
±3
10 bit
VREF=
VCC1=
5V
LSB
±3
LSB
±7
LSB
VREF =VCC1=3.3V
8 bit
±2
10 bit
–
Absolute
accuracy
External operation amp
connection mode
AN0 to AN7 input
AN0_0 to AN0_7 input
AN2_0 to AN2_7 input
ANEX0, ANEX1 input
External operation amp
connection mode
Tolerance level impedance
–
3k
Ω
NOTES:
1. Referenced to VCC1=AVCC=VREF=4.0 to 5.5V, VSS=AVSS=0V at Topr = -40 to 85
°C / -40 to 125 °C unless otherwise
specified. T version = -40 to 85
°C, V version = -40 to 125 °C.
2. AD operation clock frequency (øAD frequency) must be 12 MHz or less.
3. A case without sample & hold function turn øAD frequency into 250 kHz or more in addition to a limit of Note 2.
A case with sample & hold function turn øAD frequency into 1MHz or more in addition to a limit of Note 2.
Min.Typ.Max.
–
–
tsu
RO
Resolution
Absolute accuracy
Setup time
Output resistance
Reference power supply input current
Bits
%
k
Ω
mA
IVREF
1.0
1.5
8
3
SymbolParameterMeasuring conditionUnit
20
10
4
µs
(Note 2)
Standard
NOTES :
1. Referenced to VCC1=VREF=4.0 to 5.5V, VSS=AVSS=0V at Topr = -40 to 85
°C / -40 to 125 °C unless otherwise specified.
T version=-40 to 85
°C, V version=-40 to 125 °C
2. This applies when using one D-A converter, with the D-A register for the unused D-A converter set to “00h”. The A-D
converter’s ladder resistance is not included. Also, when D-A register contents are not “00h”, the current IVREF always
flows even though Vref may have been set to be unconnected by the A-D control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com