Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62P Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button M16C/62P Datasheet HTML 20Page - Renesas Technology Corp M16C/62P Datasheet HTML 21Page - Renesas Technology Corp M16C/62P Datasheet HTML 22Page - Renesas Technology Corp M16C/62P Datasheet HTML 23Page - Renesas Technology Corp M16C/62P Datasheet HTML 24Page - Renesas Technology Corp M16C/62P Datasheet HTML 25Page - Renesas Technology Corp M16C/62P Datasheet HTML 26Page - Renesas Technology Corp M16C/62P Datasheet HTML 27Page - Renesas Technology Corp M16C/62P Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
4. SFR
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 24
DMA0 control register
DM0CON
00000X00b
DMA0 transfer counter
TCR0
XXh
XXh
DMA1 control register
DM1CON
00000X00b
DMA1 source pointer
SAR1
XXh
XXh
XXh
DMA1 transfer counter
TCR1
XXh
XXh
DMA1 destination pointer
DAR1
XXh
XXh
XXh
Watchdog timer start register
WDTS
XXh
Watchdog timer control register
WDC
00XXXXXXb (4)
Processor mode register 0 (2)
PM0
00000000b(CNVSS pin is “L”)
00000011b(CNVSS pin is “H”)
Chip select control register (6)
CSR
00000001b
System clock control register 0
CM0
01001000b
System clock control register 1
CM1
00100000b
Address match interrupt enable register
AIER
XXXXXX00b
Protect register
PRCR
XX000000b
Processor mode register 1
PM1
00001000b
DMA0 destination pointer
DAR0
XXh
XXh
XXh
NOTES :
1. The blank areas are reserved and cannot be accessed by users.
2. The PM00 and PM01 bits do not change at software reset, watchdog timer reset and oscillation stop detection reset.
3. The CM20, CM21, and CM27 bits do not change at oscillation stop detection reset.
4. The WDC5 bit is “0” (cold start) immediately after power-on. It can only be set to “1” in a program. It is set to “0” when the input voltage
at the VCC1 pin drops to Vdet2 or less while the VC25 bit in the VCR2 register is set to “1” (RAM retention limit detection circuit enable
5. This register does not change at software reset, watchdog timer reset and oscillation stop detection reset.
6. This register cannot be used by M16C/62PT.
X : Nothing is mapped to this bit
Data bank register (6)
DBR
00h
Oscillation stop detection register (3)
CM2
0000X000b
Chip select expansion control register (6)
CSE
00h
PLL control register 0
PLC0
0001X010b
Processor mode register 2
PM2
XXX00000b
0000h
0001h
0002h
0003h
0004h
0005h
0006h
0007h
0008h
0009h
000Ah
000Bh
000Ch
000Dh
000Eh
000Fh
0010h
0011h
0012h
0013h
0014h
0015h
0016h
0017h
0018h
0019h
001Ah
001Bh
001Ch
001Dh
001Eh
001Fh
0020h
0021h
0022h
0023h
0024h
0025h
0026h
0027h
0028h
0029h
002Ah
002Bh
002Ch
002Dh
002Eh
002Fh
0030h
0031h
0032h
0033h
0034h
0035h
0036h
0037h
0038h
0039h
003Ah
003Bh
003Ch
003Dh
003Eh
003Fh
Address
Register
Symbol
After reset
Address match interrupt register 0
RMAD0
00h
00h
X0h
Address match interrupt register 1
RMAD1
00h
00h
X0h
DMA0 source pointer
SAR0
XXh
XXh
XXh
Voltage detection register 1 (5, 6)
VCR1
00001000b
Voltage detection register 2 (5, 6)
VCR2
00h
Voltage down detection interrupt register (6)
D4INT
00h
4. SFR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com