Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62P Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M16C/62P Datasheet HTML 7Page - Renesas Technology Corp M16C/62P Datasheet HTML 8Page - Renesas Technology Corp M16C/62P Datasheet HTML 9Page - Renesas Technology Corp M16C/62P Datasheet HTML 10Page - Renesas Technology Corp M16C/62P Datasheet HTML 11Page - Renesas Technology Corp M16C/62P Datasheet HTML 12Page - Renesas Technology Corp M16C/62P Datasheet HTML 13Page - Renesas Technology Corp M16C/62P Datasheet HTML 14Page - Renesas Technology Corp M16C/62P Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
1. Overview
M16C/62 Group (M16C/62P, M16C/62PT)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 11
product
code
Package
Internal ROM
(user ROM area without block 1)
Program and
erase endurance
Temperature
range
Internal ROM
(block A, block 1)
Operating ambient
temperature
Temperature
range
Lead-free
Lead-included
D3
D5
D7
D9
U3
U5
U7
U9
100
1,000
100
1,000
0°C to 60°C
100
10,000
100
10,000
0°C to 60°C
0°C to 60°C
-40°C to 85°C
-20°C to 85°C
-40°C to 85°C
-20°C to 85°C
-40°C to 85°C
-20°C to 85°C
-40°C to 85°C
-20°C to 85°C
-40°C to 85°C
-20°C to 85°C
-40°C to 85°C
-20°C to 85°C
Lead-free
D3
D5
U3
U5
-40°C to 85°C
-20°C to 85°C
-40°C to 85°C
-20°C to 85°C
Lead-included
Flash
memory
version
External
ROM
version
Program and
erase endurance
Table 1.8 Product Code of Flash Memory version and External ROM version for M16C/62P
M1 6 C
M 30626 F H P F P
BD 5
XXXXXX X
Type No. (See Figure 1.3 Type No., Memory Size, and Package)
Chip version and product code.
B
: Shows chip version.
Henceforth, whenever it changes a version, it continues with B, C, and D.
D5 : Shows Product code. (See table 1.8 Product Code.)
Data code seven digits
The product without marking of chip version of the flash memory version and the ROM external version
corresponds to the chip version “A”.
Figure 1.4 Marking Diagram of Flash Memory version and External ROM version for M16C/62P (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com