Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/62P Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # M16C/62P
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62P Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button M16C/62P Datasheet HTML 79Page - Renesas Technology Corp M16C/62P Datasheet HTML 80Page - Renesas Technology Corp M16C/62P Datasheet HTML 81Page - Renesas Technology Corp M16C/62P Datasheet HTML 82Page - Renesas Technology Corp M16C/62P Datasheet HTML 83Page - Renesas Technology Corp M16C/62P Datasheet HTML 84Page - Renesas Technology Corp M16C/62P Datasheet HTML 85Page - Renesas Technology Corp M16C/62P Datasheet HTML 86Page - Renesas Technology Corp M16C/62P Datasheet HTML 87Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 84 / 87 page
background image
Package Dimensions
M16C/62 Group (M16C/62P, M16C/62PT)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 84
MD
l2
Recommended Mount Pad
Lp
0.45
–
–
0.6
0.25
–
0.75
–
0.08
x
A3
y
b
x
M
Lp
LQFP128-P-1420-0.50
–
Weight(g)
–
JEDEC Code
EIAJ Package Code
Lead Material
Cu Alloy
128P6Q-A
Plastic 128pin 14✕20mm body LQFP
1.5
0.125
1.4
––
0.2
–
–
––
–
–
–
–
–
Symbol
Min
Nom
Max
A
A2
b
c
D
E
HE
L
L1
y
b2
Dimension in Millimeters
HD
A1
0.225
–
1.0
I2
–
–
–
MD
14.4
–
–
ME
20.4
8
°
0
°
0.1
1.0
0.65
0.5
0.35
22.2
22.0
21.8
16.2
16.0
15.8
0.5
20.1
20.0
19.9
14.1
14.0
13.9
0.175
0.125
0.105
0.27
0.22
0.17
1.4
0.05
1.7
e
e
1
38
39
64
65
HD
D
A
F
L1
L
Detail F
128
103
102
MMP
LQFP100-P-1414-0.50
Weight(g)
–
0.63
JEDEC Code
EIAJ Package Code
Lead Material
Cu Alloy
100P6Q-A
Plastic 100pin 14✕14mm body LQFP
–
0.1
–
––
0.2
–
–
––
–
–
–
–
–
Symbol
Min
Nom
Max
A
A2
b
c
D
E
HE
L
L1
y
b2
Dimension in Millimeters
HD
A1
0.225
–
–
I2
0.9
–
–
MD
14.4
–
–
ME
14.4
10
°
0
°
0.1
1.0
0.7
0.5
0.3
16.2
16.0
15.8
16.2
16.0
15.8
0.5
14.1
14.0
13.9
14.1
14.0
13.9
0.175
0.125
0.105
0.28
0.18
0.13
1.4
0
1.7
e
e
1
76
75
51
50
26
25
HD
D
A
F
y
100
Lp
0.45
–
–
0.6
0.25
–
0.75
–
0.08
x
A3
b
x
M
L1
L
Detail F
Lp
MD
l2
Recommended Mount Pad
MMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com