Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020D Datasheet(PDF) 20 Page - SMSC Corporation

Part # COM20020D
Description  ULANC Revision D Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020D Datasheet(HTML) 20 Page - SMSC Corporation

Back Button COM20020D Datasheet HTML 16Page - SMSC Corporation COM20020D Datasheet HTML 17Page - SMSC Corporation COM20020D Datasheet HTML 18Page - SMSC Corporation COM20020D Datasheet HTML 19Page - SMSC Corporation COM20020D Datasheet HTML 20Page - SMSC Corporation COM20020D Datasheet HTML 21Page - SMSC Corporation COM20020D Datasheet HTML 22Page - SMSC Corporation COM20020D Datasheet HTML 23Page - SMSC Corporation COM20020D Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
20
In typical applications, the serial backplane is
terminated at both ends and a bias is provided by
the external pull-up resistor.
The RXIN signal is directly connected to the cable
via an internal Schmitt trigger. A negative pulse
on this input indicates a logic "1". Lack of pulse
indicates a logic "0".
For typical single-ended
backplane applications, RXIN is connected to
nPULSE1 to make the serial backplane data line.
A ground line (from the coax or twisted pair)
should run in parallel with the signal.
For
applications requiring different treatment of the
receive
signal
(like
filtering
or
squelching),
nPULSE1 and RXIN remain as independent pins.
External differential drivers/receivers for increased
range and common mode noise rejection, for
example,
would
require
the
signals
to
be
independent of one another. When the device is
in Backplane Mode, the clock provided by the
nPULSE2 signal may be used for encoding the
data into a different encoding scheme or other
synchronous operations needed on the serial data
stream.
Differential Driver Configuration
The Differential Driver Configuration is a special
case of the Backplane Mode. It is a dc coupled
configuration recommended for applications like
car-area
networks
or
other
cost-sensitive
applications
which
do
not
require
direct
compatibility with existing ARCNET nodes and do
not require isolation.
The
Differential
Driver
Configuration
cannot
communicate directly with nodes utilizing the
Traditional
Hybrid
Configuration.
Like
the
Backplane Configuration, the Differential Driver
Configuration does not isolate the node from the
media.
The Differential Driver interface includes a RS485
Driver/Receiver to transfer the data between the
cable and the COM20020D. The nPULSE1 signal
transmits the data, provided the Transmit Enable
signal is active.
The nPULSE1 signal issues a
200nS (at 2.5Mbps) negative pulse to transmit a
logic "1". Lack of pulse indicates a logic "0". The
RXIN signal receives the data, the transmitter
portion of the COM20020D is disabled during
reset and the nPULSE1, nPULSE2 and nTXEN
pins are inactive.
Programmable TXEN Polarity
To accommodate transceivers with active high
ENABLE pins, the COM20020D contains a
programmable TXEN output.
To program the
TXEN pin for an active high pulse, the nPULSE2
pin should be connected to ground. To retain the
normal active low polarity, nPULSE2 should be
left open. The polarity determination is made at
power on reset and is valid only for Backplane
Mode operation.
The nPULSE2 pin should
remain grounded at all times if an active high
polarity is desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com