Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020D Datasheet(PDF) 48 Page - SMSC Corporation

Part # COM20020D
Description  ULANC Revision D Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020D Datasheet(HTML) 48 Page - SMSC Corporation

Back Button COM20020D Datasheet HTML 44Page - SMSC Corporation COM20020D Datasheet HTML 45Page - SMSC Corporation COM20020D Datasheet HTML 46Page - SMSC Corporation COM20020D Datasheet HTML 47Page - SMSC Corporation COM20020D Datasheet HTML 48Page - SMSC Corporation COM20020D Datasheet HTML 49Page - SMSC Corporation COM20020D Datasheet HTML 50Page - SMSC Corporation COM20020D Datasheet HTML 51Page - SMSC Corporation COM20020D Datasheet HTML 52Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
48
If an external crystal is used, two capacitors are
needed (one from each leg of the crystal to
ground).
No external resistor is required, since
the COM20020D contains an internal resistor. The
crystal must have an accuracy of 0.020% or
better. The oscillation frequency range is from 10
MHz to 20 MHz.
The crystal must have an accuracy of 0.010% or
better when the internal clock multiplier is turned
on.
The oscillation frequency must be 20MHz
when the internal clock multiplier is turned on.
The XTAL2 side of the crystal may be loaded with
a single 74HC-type buffer in order to generate a
clock for other devices.
The user may attach an external TTL clock, rather
than a crystal, to the XTAL1 signal. In this case, a
390
Ω pull-up resistor is required on XTAL1, while
XTAL2 should be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com