Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020D Datasheet(PDF) 46 Page - SMSC Corporation

Part # COM20020D
Description  ULANC Revision D Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020D Datasheet(HTML) 46 Page - SMSC Corporation

Back Button COM20020D Datasheet HTML 42Page - SMSC Corporation COM20020D Datasheet HTML 43Page - SMSC Corporation COM20020D Datasheet HTML 44Page - SMSC Corporation COM20020D Datasheet HTML 45Page - SMSC Corporation COM20020D Datasheet HTML 46Page - SMSC Corporation COM20020D Datasheet HTML 47Page - SMSC Corporation COM20020D Datasheet HTML 48Page - SMSC Corporation COM20020D Datasheet HTML 49Page - SMSC Corporation COM20020D Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
46
Next, the uniqueness of the Node ID value placed
in the Node ID Register is determined. The TX
Enable bit should still be a logic "0" until it is
ensured that the Node ID is unique. If this node
ID already exists, the Duplicate ID bit of the
Diagnostic Status Register is set after a maximum
of 420mS (or 840mS if the ET1 and ET2 bits are
other than 1,1). To determine if another node on
the network already has this ID, the COM20020D
compares the value in the Node ID Register with
the DID's of the token, and determines whether
there is a response to it.
Once the Diagnostic
Status Register is read, the DUPID bit is cleared.
The user may then attempt a new ID value, wait
420mS before checking the Duplicate ID bit, and
repeat the process until a unique Node ID is
found. At this point, the TX Enable bit may be set
to allow the node to join the network. Once the
node joins the network, a reconfiguration occurs,
as usual, thus setting the MYRECON bit of the
Diagnostic Status Register.
The Tentative ID Register may be used to build a
network map of all the nodes on the network, even
once the COM20020D has joined the network.
Once a value is placed in the Tentative ID
Register, the COM20020D looks for a response to
a token whose DID matches the Tentative ID
Register. The software can record this information
and continue placing Tentative ID values into the
register to continue building the network map. A
complete network map is only valid until nodes are
added to or deleted from the network. Note that a
node cannot detect the existence of the next
logical node on the network when using the
Tentative ID. To determine the next logical node,
the software should read the Next ID Register.
IMPROVED DIAGNOSTICS
The COM20020D allows the user to better
manage the operation of the network through the
use of the internal Diagnostic Status Register.
A
high
level
on
the
My
Reconfiguration
(MYRECON)
bit
indicates
that
the
Token
Reception Timer of this node expired, causing a
reconfiguration
by
this
node.
After
the
Reconfiguration
(RECON)
bit
of
the
Status
Register
interrupts
the
microcontroller,
the
interrupt service routine will typically read the
MYRECON bit of the Diagnostic Status Register.
Reading the Diagnostic Status Register resets the
MYRECON bit.
Successive occurrences of a
logic "1" on the MYRECON bit indicates that a
problem exists with this node. At that point, the
transmitter should be disabled so that the entire
network is not held down while the node is being
evaluated.
The Duplicate ID (DUPID) bit is used before the
node joins the network to ensure that another
node with the same ID does not exist on the
network. Once it is determined that the ID in the
Node ID Register is unique, the software should
write a logic "1" to bit 5 of the Configuration
Register to enable the basic transmit function.
This allows the node to join the network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com