Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020D Datasheet(PDF) 22 Page - SMSC Corporation

Part # COM20020D
Description  ULANC Revision D Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020D Datasheet(HTML) 22 Page - SMSC Corporation

Back Button COM20020D Datasheet HTML 18Page - SMSC Corporation COM20020D Datasheet HTML 19Page - SMSC Corporation COM20020D Datasheet HTML 20Page - SMSC Corporation COM20020D Datasheet HTML 21Page - SMSC Corporation COM20020D Datasheet HTML 22Page - SMSC Corporation COM20020D Datasheet HTML 23Page - SMSC Corporation COM20020D Datasheet HTML 24Page - SMSC Corporation COM20020D Datasheet HTML 25Page - SMSC Corporation COM20020D Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
22
Table 1 - Typical Media
CABLE TYPE
NOMINAL
IMPEDANCE
ATTENUATION PER 1000 FT.
AT 5 MHz
RG-62 Belden #86262
93
Ω
5.5dB
RG-59/U Belden #89108
75
Ω
7.0dB
RG-11/U Belden #89108
75
Ω
5.5dB
IBM Type 1* Belden #89688
150
Ω
7.0dB
IBM Type 3* Telephone Twisted
Pair Belden #1155A
100
Ω
17.9dB
COMCODE 26 AWG Twisted
Pair Part #105-064-703
105
Ω
16.0dB
*Non-plenum-rated cables of this type are also available.
Note: For more detailed information on Cabling options including RS-485, transformer-coupled RS-485
and Fiber Optic interfaces, please refer to TN7-5 – Cabling Guidelines for the COM20020 ULANC,
available from Standard Microsystems Corporation.
FUNCTIONAL DESCRIPTION
MICROSEQUENCER
The
COM20020D
contains
an
internal
microsequencer which performs all of the control
operations necessary to carry out the ARCNET
protocol. It consists of a clock generator, a 544 x
8 ROM, a program counter, two instruction
registers,
an
instruction
decoder,
a
no-op
generator, jump logic, and reconfiguration logic.
The COM20020D derives a 10 MHz and a 5 MHz
clock from the output clock of the Clock Multiplier.
These clocks provide the rate at which the
instructions are executed within the COM20020D.
The 10 MHz clock is the rate at which the program
counter operates, while the 5 MHz clock is the rate
at which the instructions are executed.
The
microprogram is stored in the ROM and the
instructions are fetched and then placed into the
instruction registers.
One register holds the
opcode, while the other holds the immediate data.
Once the instruction is fetched, it is decoded by
the internal instruction decoder, at which point the
COM20020D proceeds to execute the instruction.
When a no-op instruction is encountered, the
microsequencer enters a timed loop and the
program counter is temporarily stopped until the
loop is complete. When a jump instruction is
encountered, the program counter is loaded with
the
jump
address
from
the
ROM.
The
COM20020D contains an internal reconfiguration
timer which interrupts the microsequencer if it has
timed out. At this point the program counter is
cleared and the MYRECON bit of the Diagnostic
Status Register is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com