Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020D Datasheet(PDF) 39 Page - SMSC Corporation

Part # COM20020D
Description  ULANC Revision D Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020D Datasheet(HTML) 39 Page - SMSC Corporation

Back Button COM20020D Datasheet HTML 35Page - SMSC Corporation COM20020D Datasheet HTML 36Page - SMSC Corporation COM20020D Datasheet HTML 37Page - SMSC Corporation COM20020D Datasheet HTML 38Page - SMSC Corporation COM20020D Datasheet HTML 39Page - SMSC Corporation COM20020D Datasheet HTML 40Page - SMSC Corporation COM20020D Datasheet HTML 41Page - SMSC Corporation COM20020D Datasheet HTML 42Page - SMSC Corporation COM20020D Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
39
Additionally, it is necessary to understand the
details of how the other Internal Registers are
used in the transmit and receive sequences and to
know how the internal RAM buffer is properly set
up. The sequence of events that tie these actions
together is discussed as follows.
Selecting RAM Page Size
During normal operation, the 2K x 8 of RAM is
divided into four pages of 512 bytes each. The
page to be used is specified in the "Enable
Transmit (Receive) from (to) Page fnn" command,
where "nn" specifies page 0, 1, 2, or 3.
This
allows the user to have constant control over the
allocation of RAM.
When the Offset bit "f" (bit 5 of the "Enable
Transmit (Receive) from (to) Page fnn" command
word) is set to logic "1", an offset of 256 bytes is
added to the page specified. For example: to
transmit from the second half of page 0, the
command "Enable Transmit from Page fnn"
(fnn=100 in this case) is issued by writing 0010
0011 to the Command Register. This allows a
finer resolution of the buffer pages without
affecting software compatibility. This scheme is
useful for applications which frequently use packet
sizes of 256 bytes or less, especially for
microcontroller systems with limited memory
capacity.
The remaining portions of the buffer
pages which are not allocated for current transmit
or receive packets may be used as temporary
storage for previous network data, packets to be
sent later, or as extra memory for the system,
which may be indirectly accessed.
If the device is configured to handle both long and
short
packets
(see
"Define
Configuration"
command), then receive pages should always be
512 bytes long because the user never knows
what the length of the receive packet will be. In
this case, the transmit pages may be made 256
bytes long, leaving at least 512 bytes free at any
given time.
Even if the Command Chaining
operation is being used, 512 bytes is still
guaranteed
to
be
free
because
Command
Chaining only requires two pages for transmit and
two for receive (in this case, two 256 byte pages
for transmit and two 512 byte pages for receive,
leaving 512 bytes free). Please note that it is the
responsibility of software to reserve 512 bytes for
each receive page if the device is configured to
handle long packets. The COM20020D does not
check page boundaries during reception. If the
device is configured to handle only short packets,
then both transmit and receive pages may be
allocated as 256 bytes long, freeing at least
1KByte at any given time.
Even if the Command Chaining operation is being
used, 1KByte is still guaranteed to be free
because Command Chaining only requires two
pages for transmit and two for receive (in this
case, a total of four 256 byte pages, leaving 1K
free).
The general rule which may be applied to
determine where in RAM a page begins is as
follows:
Address = (nn x 512) + (f x 256).
Transmit Sequence
During a transmit sequence, the microcontroller
selects a 256 or 512 byte segment of the RAM
buffer and writes into it. The appropriate buffer
size is specified in the "Define Configuration"
command. When long packets are enabled, the
COM20020D interprets the packet as either a long
or short packet, depending on whether the buffer
address 2 contains a zero or non-zero value. The
format of the buffer is shown in Figure 9. Address
0 contains the Source Identifier (SID); Address 1
contains the Destination Identifier (DID); Address
2 (COUNT) contains, for short packets, the value
256-N, where N represents the number of
information bytes in the message, or for long
packets, the value 0, indicating that it is indeed a
long packet.
In the latter case, Address 3
(COUNT) would contain the value 512-N, where N
represents the number of information bytes in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com