Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020D Datasheet(PDF) 9 Page - SMSC Corporation

Part # COM20020D
Description  ULANC Revision D Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020D Datasheet(HTML) 9 Page - SMSC Corporation

Back Button COM20020D Datasheet HTML 5Page - SMSC Corporation COM20020D Datasheet HTML 6Page - SMSC Corporation COM20020D Datasheet HTML 7Page - SMSC Corporation COM20020D Datasheet HTML 8Page - SMSC Corporation COM20020D Datasheet HTML 9Page - SMSC Corporation COM20020D Datasheet HTML 10Page - SMSC Corporation COM20020D Datasheet HTML 11Page - SMSC Corporation COM20020D Datasheet HTML 12Page - SMSC Corporation COM20020D Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
9
Selecting Clock Frequencies Above 2.5 Mbps
To realize a 5 Mbps network, an external 40 MHz
clock must be input. However, since 40 MHz is
near the frequency of FM radio band, it is not
practical for use for noise emission reasons.
Therefore,
higher
frequency
clocks
are
generated from the 20 MHz crystal as selected
through
two
bits
in
the
Setup2
register,
CKUP[1,0] as shown below. The selected clock
is supplied to the ARCNET controller.
CKUP1
CKUP0
CLOCK FREQUENCY (DATA RATE)
0
0
20 MHz (Up to 2.5Mbps) Default (Bypass)
0
1
40 MHz (Up to 5Mbps)
1
0
Reserved
1
1
Reserved
This clock multiplier is powered-down (bypassed)
on default. After changing the CKUP1 and
CKUP0 bits, the ARCNET core operation is
stopped and the internal PLL in the clock
generator is awakened and it starts to generate
the 40 MHz. The lock out time of the internal PLL
is 8uSec typically. After more than 8
µsec (this
wait time is defined as 1 msec in this data sheet),
it is necessary to write command data '18H' to
the command register to re-start the ARCNET
core operation.
This clock generator is called
“clock multiplier”.
Changing the CKUP1 and CKUP0 bits must be
one time or less after releasing hardware reset.
The EF bit in the SETUP2 register must be set
when the data rate is over 5 Mbps.
NETWORK RECONFIGURATION
A significant advantage of the COM20020D is its
ability to adapt to changes on the network.
Whenever a new node is activated or deactivated,
a NETWORK RECONFIGURATION is performed.
When a new COM20020D is turned on (creating
a
new
active node on the network), or if the
COM20020D has not received an INVITATION
TO TRANSMIT for 420mS, or if a software reset
occurs, the COM20020D causes a NETWORK
RECONFIGURATION
by
sending
a
RECONFIGURE
BURST
consisting
of
eight
marks and one space repeated 765 times. The
purpose of this burst is to terminate all activity on
the network. Since this burst is longer than any
other type of transmission, the burst will interfere
with
the
next
INVITATION TO TRANSMIT,
destroy the token and keep any other node from
assuming control of the line.
When any COM20020D senses an idle line for
greater than 41
µS, which occurs only when the
token Is lost, each COM20020D starts an internal
timeout equal to 73
µs times the quantity 255
minus its own ID. The COM20020D starts network
reconfiguration by sending an invitation to transmit
first to itself and then to all other nodes by
decrementing the destination Node ID.
If the
timeout
expires
with
no
line
activity,
the
COM20020D starts sending INVITATION TO
TRANSMIT with the Destination ID (DID) equal to
the currently stored NID. Within a given network,
only one COM20020D will timeout (the one with
the highest ID number). After sending the
INVITATION TO TRANSMIT, the COM20020D
waits for activity on the line. If there is no activity
for 37.4
µS, the COM20020D increments the NID
value and transmits another INVITATION TO
TRANSMIT using the NID equal to the DID.
If
activity
appears
before
the
37.4
µS timeout
expires, the COM20020D releases control of the
line.
During NETWORK RECONFIGURATION,
INVITATIONS TO TRANSMIT are sent to all NIDs
(1-255).
Each COM20020D on the network will finally have
saved a NID value equal to the ID of the
COM20020D that it released control to. At this
point, control is passed directly from one node to
the next with no wasted INVITATIONS TO
TRANSMIT being sent to ID's not on the network,
until the next NETWORK RECONFIGURATION
occurs. When a node is powered off, the previous
node attempts to pass the token to it by issuing an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com