Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020D Datasheet(PDF) 34 Page - SMSC Corporation

Part # COM20020D
Description  ULANC Revision D Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020D Datasheet(HTML) 34 Page - SMSC Corporation

Back Button COM20020D Datasheet HTML 30Page - SMSC Corporation COM20020D Datasheet HTML 31Page - SMSC Corporation COM20020D Datasheet HTML 32Page - SMSC Corporation COM20020D Datasheet HTML 33Page - SMSC Corporation COM20020D Datasheet HTML 34Page - SMSC Corporation COM20020D Datasheet HTML 35Page - SMSC Corporation COM20020D Datasheet HTML 36Page - SMSC Corporation COM20020D Datasheet HTML 37Page - SMSC Corporation COM20020D Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
34
Table 11 - Setup 1 Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
Pulse1 Mode
P1MODE
This bit determines the type of PULSE1 output driver used
in Backplane Mode. When high, a push/pull output is used.
When low, an open drain output is used. The default is
open drain.
6
Four NACKS
FOUR
NACKS
This bit, when set, will cause the EXNACK bit in the
Diagnostic Status Register to set after four NACKs to Free
Buffer Enquiry are detected by the COM20020D. This bit,
when reset, will set the EXNACK bit after 128 NACKs to
Free Buffer Enquiry. The default is 128.
5
Reserved
Do not set.
4
Receive All
RCVALL
This bit, when set, allows the COM20020D to receive all
valid data packets on the network, regardless of their
destination ID.
This mode can be used to implement a
network monitor with the transmitter on- or off-line. Note
that ACKs are only sent for packets received with a
destination ID equal to the COM20020D's programmed
node ID. This feature can be used to put the COM20020D
in a 'listen-only' mode, where the transmitter is disabled and
the COM20020D is not passing tokens. Defaults low.
3,2,1
Clock Prescaler Bits
3,2,1
CKP3,2,1
These bits are used to determine the data rate of the
COM20020D. The following table is for a 20 MHz crystal:
(Clock Multiplier is bypassed)
CKP3
0
0
0
0
1
CKP2
0
0
1
1
0
CKP1
0
1
0
1
0
DIVISOR
8
16
32
64
128
SPEED
2.5Mbs
1.25Mbs
625Kbs
312.5Kbs
156.25Kbs
NOTE:
The
lowest
data
rate
achievable
by
the
COM20020D is 156.25Kbs. Defaults to 000 or 2.5Mbs. For
Clock Multiplier output clock speed greater than 20 MHz,
CKP3, CKP2 and CKP1 must all be zero.
0
Slow Arbitration
Select
SLOWARB
This bit, when set, will divide the arbitration clock by 2.
Memory cycle times will increase when slow arbitration is
selected.
NOTE:
For clock multiplier output clock speeds greater
than 40 MHz, SLOWARB must be set. Defaults to low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com