Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020D Datasheet(PDF) 45 Page - SMSC Corporation

Part # COM20020D
Description  ULANC Revision D Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020D Datasheet(HTML) 45 Page - SMSC Corporation

Back Button COM20020D Datasheet HTML 41Page - SMSC Corporation COM20020D Datasheet HTML 42Page - SMSC Corporation COM20020D Datasheet HTML 43Page - SMSC Corporation COM20020D Datasheet HTML 44Page - SMSC Corporation COM20020D Datasheet HTML 45Page - SMSC Corporation COM20020D Datasheet HTML 46Page - SMSC Corporation COM20020D Datasheet HTML 47Page - SMSC Corporation COM20020D Datasheet HTML 48Page - SMSC Corporation COM20020D Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
45
(at EF=1) interrupt inactive time interval between
interrupts is guaranteed.
The second reception will occur as soon as a
second packet is sent to the node, as long as the
second "Enable Receive to Page fnn" command
was issued. The operation is as if a new "Enable
Receive to Page fnn" command has just been
issued.
After the first Receive status bits are
cleared, the Status Register will again be updated
with the results of the second reception and a
second
interrupt
resulting
from
the
second
reception will occur.
In the COM20020D, the Receive Inhibit (RI) bit of
the Interrupt Mask Register now masks only the
TRI bit of the Status Register, not the RI bit as in
the non-chaining mode. Since the TRI bit is only
set upon reception of a packet (not by RESET),
and since the TRI bit may easily be reset by
issuing a "Clear Receive Interrupt" command,
there is no need to use the RI bit of the Interrupt
Mask Register to mask interrupts generated by
the TRI bit of the Status Register. In Command
Chaining mode, the "Disable Receiver" command
will cancel the oldest reception, unless the
reception has already begun. If both receptions
should be canceled, two "Disable Receiver"
commands should be issued.
RESET DETAILS
Internal Reset Logic
The COM20020D includes special reset circuitry
to guarantee smooth operation during reset.
Special care is taken to assure proper operation in
a variety of systems and modes of operation. The
COM20020D contains digital filter circuitry and a
Schmitt Trigger on the nRESET signal to reject
glitches in order to ensure fault-free operation.
The COM20020D supports two reset options;
software and hardware reset. A software reset is
generated when a logic "1" is written to bit 7 of the
Configuration Register.
The device remains in
reset as long as this bit is set. The software reset
does not affect the microcontroller
interface
modes determined after hardware reset, nor does
it affect the contents of the Address Pointer
Registers, the Configuration Register, or the
Setup1 Register. A hardware reset occurs when a
low signal is asserted on the nRESET input. The
minimum reset pulse width is 5TXTL. This pulse
width is used by the internal digital filter, which
filters short glitches to allow only valid resets to
occur.
Upon reset, the transmitter portion of the device is
disabled and the internal registers assume those
states outlined in the Internal Registers section.
After the nRESET signal is removed the user may
write to the internal registers. Since writing a non-
zero value to the Node ID Register wakes up the
COM20020D
core, the Setup1 Register should
be written before the Node ID Register. Once the
Node ID Register is written to, the COM20020D
reads the value and executes two write cycles to
the RAM buffer. Address 0 is written with the data
D1H and address 1 is written with the Node ID.
The data pattern D1H was chosen arbitrarily, and
is
meant
to
provide
assurance
of
proper
microsequencer operation.
INITIALIZATION SEQUENCE
Bus Determination
Writing to and reading from an odd address
location from the COM20020D's address space
causes
the
COM20020D
to
determine
the
appropriate
bus
interface.
When
the
COM20020D is powered on the internal registers
may be written to. Since writing a non-zero value
to the Node ID Register wakes up the core, the
Setup1 Register should be written to before the
Node ID Register.
Until a non-zero value is
placed into the NID Register, no microcode is
executed, no tokens are passed by this node, and
no reconfigurations are generated by this node.
Once a non-zero value is placed in the register,
the core wakes up, but the node will not attempt to
join the network until the TX Enable bit of the
Configuration Register is set.
Before setting the TX Enable bit, the software may
make some determinations.
The software may
first observe the Receive Activity and the Token
Seen bits of the Diagnostic Status Register to
verify the health of the receiver and the network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com