Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020D Datasheet(PDF) 6 Page - SMSC Corporation

Part # COM20020D
Description  ULANC Revision D Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020D Datasheet(HTML) 6 Page - SMSC Corporation

Back Button COM20020D Datasheet HTML 2Page - SMSC Corporation COM20020D Datasheet HTML 3Page - SMSC Corporation COM20020D Datasheet HTML 4Page - SMSC Corporation COM20020D Datasheet HTML 5Page - SMSC Corporation COM20020D Datasheet HTML 6Page - SMSC Corporation COM20020D Datasheet HTML 7Page - SMSC Corporation COM20020D Datasheet HTML 8Page - SMSC Corporation COM20020D Datasheet HTML 9Page - SMSC Corporation COM20020D Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
6
DIP PIN
NO.
PLCC PIN
NO.
NAME
SYMBOL
DESCRIPTION
TRANSMISSION MEDIA INTERFACE
16,15
19,18
nPulse 2,
nPulse 1
nPULSE2,
nPULSE1
Output (nPULSE1), Input/Output (nPULSE2).
In Normal Mode, these active low signals
carry the transmit data information, encoded
in pulse format, as DIPULSE waveform.
When the device is in Backplane Mode, the
nPULSE1 signal driver is programmable
(push/pull or open-drain), while the nPULSE2
signal provides a clock with frequency of
double the data rate. nPULSE1 is connected
to a weak internal pull-up resistor on the
open/drain driver in backplane mode.
17
20
Receive In
RXIN
Input.
This signal carries the receive data
information from the line tranceiver.
18
21
nTransmit
nEnable
nTXEN
Output. This signal is used prior to the Power-
up to enable the line drivers for transmission.
The polarity of the signal is programmable
through the nPULSE2 pin.
nPULSE2 floating before Power-up: nTXEN
active low (Default option)
nPULSE2
grounded
before
Power-up:
nTXEN active high (This option is only
available in Backplane Mode)
13,14
16,17
Crystal
Oscillator
XTAL1,
XTAL2
An external crystal should be connected to
these pins.
Oscillation frequency range is
from 10 to 20 MHz. If an external TTL clock is
used instead, it must be connected to XTAL1
with a 390
Ω pull-up resistor, and XTAL2
should be left floating.
24
15,28
Power
Supply
VDD
+5 Volt Power Supply pin.
12
7,14,22
Ground
VSS
Ground pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com