Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # UPC1857ACT
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1857ACT Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button UPC1857ACT Datasheet HTML 25Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 26Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 27Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 28Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 29Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 30Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 31Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 32Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
27
µµµµPC1857A
5. ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (Unless otherwise specified, TA = 25
°°°°C)
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
VCC
Without signal
14.0
V
Input signal voltage
VIN
Pins Lin, Rin, MIX
VCC
V
I
2C bus input signal voltage
VCNT
Pins SDA, SCL
VCC + 0.2
V
Permissible package dissipation
PD
TA = 75
°C
500
mW
Operating temperature
TA
VCC = 12 V
−20 to +75
°C
Storage temperature
Tstg
−40 to +125
°C
Caution If any of the parameters exceeds the absolute maximum ratings, even momentarily, the quality of
the product may be impaired. The absolute maximum ratings are values that may physically
damage the product(s). Be sure to use the product(s) within the ratings.
Recommended Operating Conditions (Unless otherwise specified, TA = 25
°°°°C)
Rating
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply voltage
VCC
Gain between input and output: 0 dB
8.1
12.0
13.2
V
Input signal voltage
VIN
VCC = 12 V, gain between input and output: 0 dB
0.0
1.4
7.9
Vp-p
I
2C bus input voltage (H)
VcntH
Pins SDA, SCL
3.5
5.0
6.0
V
I
2C bus input voltage (L)
VcntL
−0.1
0
+1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com