Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # UPC1857ACT
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1857ACT Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button UPC1857ACT Datasheet HTML 37Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 38Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 39Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 40Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 41Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 42Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 43Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 44Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
39
µµµµPC1857A
7. PACKAGE DRAWING
30 PIN PLASTIC SHRINK DIP (400 mil)
ITEM
MILLIMETERS
INCHES
N
0.17
0.007
B
1.78 MAX.
0.070 MAX.
G
3.2±0.3
0.126±0.012
J
5.08 MAX.
0.200 MAX.
K
10.16 (T.P.)
0.400 (T.P.)
C
1.778 (T.P.)
0.070 (T.P.)
D
0.50±0.10
0.020+0.004
–0.005
H
0.51 MIN.
0.020 MIN.
M
0.25
0.010+0.004
–0.003
+0.10
–0.05
S30C-70-400B-2
R
0~15
°
0~15
°
A
27.3±0.2
1.075+0.008
–0.009
F
1.0±0.15
0.039+0.007
–0.006
I
3.45±0.2
0.136+0.008
–0.009
L
8.6±0.2
0.339+0.008
–0.009
NOTES
2. Each lead centerline is located within 0.17 mm (0.007 inch) of
its true position (T.P.) at maximum material condition.
3. Item "K" to center of leads when formed parallel.
1
15
30
16
M
R
M
I
H
G
F
DN
C
B
K
J
A
L
1. Controlling dimension
millimeter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com