Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # UPC1857ACT
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1857ACT Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button UPC1857ACT Datasheet HTML 36Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 37Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 38Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 39Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 40Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 41Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 42Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 43Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
38
µµµµPC1857A
6.3
I/O Characteristic
Vcc = 12 V
Volume (MAX.)
: Subaddress 01H (D5-D0) = (111111)
Balance (center)
: Subaddress 02H (D5-D0) = (100000)
Bass (FLAT)
: Subaddress 03H (D4-D0) = (10000)
Treble (FLAT)
: Subaddress 04H (D4-D0) = (10000)
Surround mode (OFF) : Subaddress 00 (D3, D2) = (1, 1)
5.0
1.0
0.5
0.1
0.05
0.1
0.5
1.0
5.0
0.05
0.01
Input signal voltage (Vr.m.s.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com