Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # UPC1857ACT
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1857ACT Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button UPC1857ACT Datasheet HTML 28Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 29Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 30Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 31Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 32Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 33Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 34Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 35Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
30
µµµµPC1857A
Electrical Characteristics (3/5)
(Unless otherwise specified, VCC = 12 V, TA = 25
°C, RH ≤ 70%, f = 1 kHz, VIN = 0.5 Vr.m.s., no load)
Subaddress Data
Rating
Parameter
Symbol
Test Condition
00
01
02
03
04
MIN.
TYP.
MAX.
Unit
Tone control,
bass characteristic
Lin
→ Lout1
BASS-L1
f = 100 Hz
Lin = 0.5 Vr.m.s.
Rin = GND
0D
3F
20
1F
10
7.0
10.0
13.0
dB
Tone control,
bass characteristic
Lin
→ Lout2
BASS-L2
10
−2.0
0
+2.0
dB
Tone control,
bass characteristic
Lin
→ Lout3
BASS-L3
01
−13.0 −10.0
−7.0
dB
Tone control,
bass characteristic
deviation
Rin
→ Rout1/Lout1
BASS-RL1
f = 100 Hz, Lin = GND
Rin = 0.5 Vr.m.s.
Difference from BASS-L1
0D
3F
20
1F
10
−1.0
0
+1.0
dB
Tone control,
bass characteristic
deviation
Rin
→ Rout2/Lout2
BASS-RL2
f = 100 Hz, Lin = GND
Rin = 0.5 Vr.m.s.
Difference from BASS-L2
10
−1.0
0
+1.0
dB
Tone control,
bass characteristic
deviation
Rin
→ Rout3/Lout3
BASS-RL3
f = 100 Hz, Lin = GND
Rin = 0.5 Vr.m.s.
Difference from BASS-L3
01
−1.0
0
+1.0
dB
Tone control,
treble characteristic
Lin
→ Lout1
TREB-L1
f = 10 kHz
Lin = 0.5 Vr.m.s.
Rin = GND
0D
3F
20
10
1F
7.0
10.0
13.0
dB
Tone control,
treble characteristic
Lin
→ Lout2
TREB-L2
10
−2.0
0
+2.0
dB
Tone control,
treble characteristic
Lin
→ Lout3
TREB-L3
01
−13.0 −10.0
−7.0
dB
Tone control,
treble characteristic
deviation
Rin
→ Rout1/Lout1
TREB-RL1
f = 10 kHz, Lin = GND
Rin = 0.5 Vr.m.s.
Difference from TREB-L1
0D
3F
20
10
1F
−1.0
0
+1.0
dB
Tone control,
treble characteristic
deviation
Rin
→ Rout2/Lout2
TREB-RL2
f = 10 kHz, Lin = GND
Rin = 0.5 Vr.m.s.
Difference from TREB-L2
10
−1.0
0
+1.0
dB
Tone control,
treble characteristic
deviation
Rin
→ Rout3/Lout3
TREB-RL3
f = 10 kHz, Lin = GND
Rin = 0.5 Vr.m.s.
Difference from TREB-L3
01
−1.0
0
+1.0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com