Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # UPC1857ACT
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1857ACT Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button UPC1857ACT Datasheet HTML 29Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 30Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 31Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 32Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 33Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 34Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 35Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 36Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
31
µµµµPC1857A
Electrical Characteristics (4/5)
(Unless otherwise specified, VCC = 12 V, TA = 25
°C, RH ≤ 70%, f = 1 kHz, VIN = 0.5 Vr.m.s., no load)
Subaddress Data
Rating
Parameter
Symbol
Test Condition
00
01
02
03
04
MIN.
TYP.
MAX.
Unit
Surround voltage gain,
music mode
Lin
→ Lout
MUS-L
f = 1 kHz
Lin = 0.5 Vr.m.s.
Rin = GND
05
3F
20
10
10
3.5
5.5
7.5
dB
Surround voltage gain,
music mode
Lin
→ Rout
MUS-R
−2.5
−0.5
+1.5
dB
Surround voltage gain,
movie mode
Lin
→ Lout
MOV-L
f = 1 kHz
Lin = 0.5 Vr.m.s.
Rin = GND
09
3F
20
10
10
3.0
7.0
11.0
dB
Surround voltage gain,
movie mode
Lin
→ Rout
MOV-R
0
4.0
8.0
dB
Surround voltage gain,
simulated mode
LRin
→ Lout1
SIM-L1
f = 250 Hz
Lin = 0.5 Vr.m.s.
Rin = 0.5 Vr.m.s.
01
3F
20
10
10
−0.5
+3.5
+6.5
dB
Surround voltage gain,
simulated mode
LRin
→ Lout2
SIM-L2
f = 1 kHz
Lin = 0.5 Vr.m.s.
Rin = 0.5 Vr.m.s.
−−3.0
+4.5
dB
Surround voltage gain,
simulated mode
LRin
→ Lout3
SIM-L3
f = 4 kHz
Lin = 0.5 Vr.m.s.
Rin = 0.5 Vr.m.s.
2.0
6.0
10.0
dB
Surround voltage gain,
simulated mode
LRin
→ Rout1
SIM-R1
f = 250 Hz
Lin = 0.5 Vr.m.s.
Rin = 0.5 Vr.m.s.
01
3F
20
10
10
−−5.5
−1.0
dB
Surround voltage gain,
simulated mode
LRin
→ Rout2
SIM-R2
f = 1 kHz
Lin = 0.5 Vr.m.s.
Rin = 0.5 Vr.m.s.
03.0
6.0
dB
Surround voltage gain,
simulated mode
LRin
→ Rout3
SIM-R3
f = 4 kHz
Lin = 0.5 Vr.m.s.
Rin = 0.5 Vr.m.s.
−−7.0
+5.0
dB
Remark For the surround mode, refer to 4.3 Surround Function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com