Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # UPC1857ACT
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1857ACT Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button UPC1857ACT Datasheet HTML 14Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 15Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 16Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 17Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 18Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 19Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 20Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 21Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
16
µµµµPC1857A
3.1.2 Stop condition
Stop condition is made by SDA rising from “Low” to “High” while SCL is “High” as shown in Figure 3-2.
When this stop condition is received, the
µPC1857A stops taking in or outputting data.
Figure 3-2. Start/Stop Condition of Data Transfer
Start
MIN.
Stop
SDA
SCL
3.5 V
4.0 s
1.5 V
3.5 V
1.5 V
MIN.
4.7 s
µ
µ
3.1.3 Data transfer
When transferring data, the data must be changed while SCL is “Low” as shown in Figure 3-3. Never change the
data while SCL is “High”.
Figure 3-3. Data Transfer
Note 1
SDA
Note 2
SCL
Notes 1. Data hold time for I
2C device: 300 ns MIN., Data hold time for CPU: 5
µs MIN.
2. Data setup time: 250 ns MIN.
Remark Clock frequency: 0 to 100 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com