Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # UPC1857ACT
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1857ACT Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button UPC1857ACT Datasheet HTML 13Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 14Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 15Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 16Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 17Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 18Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 19Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 20Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
15
µµµµPC1857A
3. I
2C BUS INTERFACE
The
µPC1857A has serial bus function.
This serial bus (I
2C bus) is a double-wired bus developed by Philips. It is composed of 2 wires: serial clock line
(SCL) and serial data line (SDA).
The
µPC1857A has built-in I2C bus interface circuit, and five rewritable registers (8 bits).
SCL (Serial Clock Line)
The host CPU outputs a serial clock to synchronize with the data. The
µPC1857A takes in the serial data based
on this clock.
Input level is compatible with CMOS.
Clock frequency is 0 to 100 kHz.
SDA (Serial Data Line)
The host CPU outputs the data which is synchronized with the serial clock. The
µPC1857A takes in this data
based on the clock.
Input level is compatible with CMOS.
Figure 3-1. Internal Equivalent Circuit of Interface Pin
PC1857A
µ
Rp
Rp
SCL
SDA
3.1
Data Transfer
3.1.1 Start condition
Start condition is made by SDA falling from “High” to “Low” while SCL is “High” as shown in Figure 3-2.
When this start condition is received, the
µPC1857A takes in the data synchronized with the serial clock after that.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com