Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC1857ACT
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1857ACT Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPC1857ACT Datasheet HTML 2Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 3Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 4Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 5Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 6Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 7Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 8Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 9Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
4
µµµµPC1857A
BLOCK DIAGRAM
29
30
28
24
23
22
21
20
15
19
18
10
26
27
25
1
14
6
5
4
3
2
8
12
11
820 k
LPF
LPF
PS1 PS2 PS3 PS4
0.082
VCC
1
2
22
12 V
680 pF
µµ
µ
µ
µ
µ
µ
µ
µ
µ
µ
MFO
Lin
MFI
LF1
DGND
LBC
LTC
VOL-C
Lout
Rout
3300 pF
OFL1 OFL2
ADS SDA SCL
L + R
L +
R -
L
R
+
+
+
+
+
-
+
-
+
+
+
+
+
+
+
+
-
VCC
F
2.2 F
Rin
FC1 FC2 FC3 FC4
OFR1 OFR2
LF2
AGND
RBC
RTC
BAL-C
+
2.2 F
0.1 F
0.022
1000 pF
F
0.047
3300 pF
F
3.3
F
2.2
F
0.022
2200 pF
F
MIX
+
2.2 F
F
2.2
+
F
3.3 F
0.047 F
VCC
1
2
I
2C bus
interface
Volume,
balance
control/
mute
Tone
control
Tone
control
Offset
absorption
Offset
absorption
Output
select
Effect
control
Phase shifter
7
16
13
9
17
+
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com