Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1857ACT Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC1857ACT
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1857ACT Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC1857ACT Datasheet HTML 1Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 2Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 3Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 4Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 5Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 6Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 7Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 8Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
The information in this document is subject to change without notice.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC1857A
SOUND CONTROL IC WITH SURROUND AND I
2C BUS
1997
©
Document No. S12453EJ1V1DS00 (1st edition)
Date Published March 1998 N CP(K)
Printed in Japan
DATA SHEET
DESCRIPTION
The
µPC1857A is a sound control IC with I2C bus.
It has functions to control volume, balance, and tone, and a phase shift matrix surround function.
The surround function achieves wide sound expansion using only two front speakers.
Three modes can be
selected: movie mode that increases the presence of sound with stereo sound input, music mode emphasizing vocal
music, and simulated mode that gives expansion and left and right sound depth with monaural sound input.
The
µPC1857A can perform all control (mode switching, volume control and so on) using I2C.
FEATURES
•
Volume control function
: Attenuation adjustable from 0 to
−80 dB in 64 steps
•
Balance control function
: The difference in attenuation adjustable from 0 to
−80 dB in 64 steps
•
Tone (bass, treble) control function : Adjustable in 32 steps from +10 to
−10 dB
•
Surround function (gain adjustable) : Three modes (movie, music, and simulated)
•
Mute function
•
Mixing function
•
Output selection function (for two mono channels input)
•
All parameters can be controlled via I
2C bus.
APPLICATIONS
•
TV, PC monitor
ORDERING INFORMATION
Part Number
Package
µPC1857ACT
30-pin plastic shrink DIP (400 mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com